Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPICM50G-S150340 Datasheet(PDF) 2 Page - Total Power International

Part # TPICM50G-S150340
Description  FREE AIR CONVECTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPICM50G-S150340 Datasheet(HTML) 2 Page - Total Power International

  TPICM50G-S150340 Datasheet HTML 1Page - Total Power International TPICM50G-S150340 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 141g (4.79 Oz.)
SINGLE OUTPUT
MAIN VO1 ★
MODEL NO.
Min.
Typ.
Volt.
Max.
TPICM50G-S033600
0.0A
6.00A
3.3V
6.00A
TPICM50G-S050600
0.0A
6.00A
5.0V
6.00A
TPICM50G-S120416
0.0A
4.16A
12.0V
4.16A
TPICM50G-S150340
0.0A
3.40A
15.0V
3.40A
TPICM50G-S240210
0.0A
2.10A
24.0V
2.10A
TPICM50G-S360140
0.0A
1.40A
36.0V
1.40A
TPICM50G-S480105
0.0A
1.05A
48.0V
1.05A
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE OUTPUT
ASSIGNMENT
AC-L
AC-N
AC-G
VO1
DC COM
CNTR/PIN#
P1-3
P1-1
G
P2-3,4
P2-1,2
Mating connector: P1,2 Molex # 5195 or 5239 series.
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US)
PH#978-453-7272
www.total-power.com


Similar Part No. - TPICM50G-S150340

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
TPIC-10410-A1 AVAGO-TPIC-10410-A1 Datasheet
139Kb / 1P
   Uncooled LR4 4x10Gb/s, 1310nm CWDM TOSA
logo
Texas Instruments
TPIC0107 TI-TPIC0107 Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI-TPIC0107B Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI1-TPIC0107B Datasheet
289Kb / 15P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107BDWP TI-TPIC0107BDWP Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
More results

Similar Description - TPICM50G-S150340

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSLS03-16 WALL-PSLS03-16 Datasheet
743Kb / 6P
   Cooling by Free Air Convection
logo
Arch Electronics Corp.
MQF120U ARCH-MQF120U Datasheet
201Kb / 3P
   Cooling by Free Air Convection
MQF500U ARCH-MQF500U Datasheet
287Kb / 4P
   200 Watt with Free Air Convection
logo
Bel Fuse Inc.
ABC800 BEL-ABC800 Datasheet
1Mb / 13P
   Convection or Forced Air Cooling
logo
Artesyn Technologies
NFS80-7602 ARTESYN-NFS80-7602_13 Datasheet
250Kb / 4P
   80 W with free air convection, Adjustable outputs, Available RoHS compliant
logo
Advanced Thermal Soluti...
ATS-TI1OP-521-C1-R0 ATS-ATS-TI1OP-521-C1-R0 Datasheet
381Kb / 1P
   Optimized for natural convection air cooling
REV1_1113
ATS-TI1OP-519-C1-R1 ATS-ATS-TI1OP-519-C1-R1 Datasheet
499Kb / 1P
   Optimized for natural convection air cooling
REV1_1113
ATS-TI1OP-519-C1-R3 ATS-ATS-TI1OP-519-C1-R3 Datasheet
453Kb / 1P
   Optimized for natural convection air cooling
REV1_1113
ATS-TI10P-521-C2-R0 ATS-ATS-TI10P-521-C2-R0 Datasheet
116Kb / 1P
   Optimized for natural convection air cooling
REV3-1117
ATS-TI1OP-563-C1-R0 ATS-ATS-TI1OP-563-C1-R0 Datasheet
955Kb / 1P
   Optimized for natural convection air cooling
REV1_1113
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com