Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEMB1 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SEMB1
Description  PNP Silicon Digital Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SEMB1 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SEMB1 Datasheet HTML 1Page - Infineon Technologies AG SEMB1 Datasheet HTML 2Page - Infineon Technologies AG SEMB1 Datasheet HTML 3Page - Infineon Technologies AG SEMB1 Datasheet HTML 4Page - Infineon Technologies AG SEMB1 Datasheet HTML 5Page - Infineon Technologies AG SEMB1 Datasheet HTML 6Page - Infineon Technologies AG SEMB1 Datasheet HTML 7Page - Infineon Technologies AG SEMB1 Datasheet HTML 8Page - Infineon Technologies AG SEMB1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
May-18-2004
4
BCR191.../SEMB1
DC current gain hFE = ƒ(IC)
VCE = 5 V (common emitter configuration)
10
-1
10
0
10
1
10
2
mA
IC
0
10
1
10
2
10
3
10
-
Collector-emitter saturation voltage
VCEsat = ƒ(IC), hFE = 20
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 V
1
VCEsat
0
10
1
10
2
10
mA
Input on Voltage Vi(on) = ƒ(IC)
VCE = 0.3V (common emitter configuration)
10
-1
10
0
10
1
10
2
V
Vi(on)
-1
10
0
10
1
10
2
10
mA
Input off voltage Vi(off) = ƒ(IC)
VCE = 5V (common emitter configuration)
0
0.5
1
1.5
2
V
3
Vi(off)
-2
10
-1
10
0
10
1
10
mA


Similar Part No. - SEMB1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SEMB1 INFINEON-SEMB1 Datasheet
142Kb / 4P
   PNP Silicon Digital Transistor Array Preliminary data
Feb-25-2004
SEMB10 INFINEON-SEMB10 Datasheet
480Kb / 9P
   PNP Silicon Digital Transistor
May-18-2004
SEMB10 INFINEON-SEMB10 Datasheet
143Kb / 4P
   PNP Silicon Digital Transistor Array Preliminary data
Mar-01-2004
SEMB11 INFINEON-SEMB11 Datasheet
497Kb / 10P
   PNP Silicon Digital Transistor
May-18-2004
SEMB11 INFINEON-SEMB11 Datasheet
143Kb / 4P
   PNP Silicon Digital Transistor Array Preliminary data
Feb-09-2004
More results

Similar Description - SEMB1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR555 INFINEON-BCR555_07 Datasheet
138Kb / 6P
   PNP Silicon Digital Transistor
2007-07-24
BCR158 INFINEON-BCR158 Datasheet
480Kb / 9P
   PNP Silicon Digital Transistor
May-18-2004
logo
Chenmko Enterprise Co. ...
CHDTA114EEPT CHENMKO-CHDTA114EEPT Datasheet
93Kb / 3P
   PNP Digital Silicon Transistor
CHDTA114GMPT CHENMKO-CHDTA114GMPT Datasheet
82Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114WUPT CHENMKO-CHDTA114WUPT Datasheet
67Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114GUPT CHENMKO-CHDTA114GUPT Datasheet
87Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114TEPT CHENMKO-CHDTA114TEPT Datasheet
115Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EEPT CHENMKO-CHDTA115EEPT Datasheet
94Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EMPT CHENMKO-CHDTA115EMPT Datasheet
88Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EUPT CHENMKO-CHDTA115EUPT Datasheet
96Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115GKPT CHENMKO-CHDTA115GKPT Datasheet
71Kb / 2P
   PNP Digital Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com