Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPEMG75-120530-8 Datasheet(PDF) 1 Page - Total Power International

Part # TPEMG75-120530-8
Description  ACCOMMODATE UNIVERSAL AC INPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPEMG75-120530-8 Datasheet(HTML) 1 Page - Total Power International

  TPEMG75-120530-8 Datasheet HTML 1Page - Total Power International TPEMG75-120530-8 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL INPUT AC-DC MEDICAL APPLICATION
EXTERNAL DESKTOP SWITCHING ADAPTER 64-72 WATTS
GREEN POWER SINGLE OUTPUT
TPEMG75 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC INPUT
3 POLE/2 POLE AC INLET IEC320-C14/C8
MEET MEDICAL STANDARDS IEC60601
NO LOAD POWER CONSUMPTION <0.5W
EMI MEET EN 55011 / FCC CLASS B
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typical 64-72 Watts.
Output Connector & Cord: Optional.
Line Regulation: Typical 1%.
Load Regulation: Typical ±3%.
Noise & Ripple: Typical 1% peak to peak.
OVP: Built-in by latch circuit.
Adjustability: Factory set.
Over Current Protection (OCP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: Typical 84-85%. (various with output voltage)
Switching Frequency: Typical 60KHz.
Circuit Topology: Fixed Frequency flyback circuit.
Transient Response: Output voltage returns in less than
1mS following a 25% load change.
Safety Standard: Medical standards IEC60601-1/
EN60601-1/ UL60601-1.
Operating Temperature: 0 to +40°C.
Storage Temperature: -20 to +85 °C.
Cooling: Free air convection.
Construction: Impact resistant thermo-plastic
enclosure case.
Power Density: 4.12-4.7 Watts. / Cubic Inch.
Desktop Format.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load varied from half load to full load (
%).
(3) The exact obtainable load regulation depends upon the output cord selected and load current.
(4) Due to requests in market and advances in technology, specifications subject to change without notice.
For the details of safety approval, please consult the factory.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typical 90-264Vac.
Input Connector: 3 pole AC inlet IEC320-C14(DT7) /
2 pole AC inlet IEC320-C8(DT8).
Input Frequency: 47-63Hz.
Inrush Current: Typical 57.6A at 230Vac.
Input Current: Typical 1.2A at 115Vac, 0.59A at 230Vac.
Dielectric Withstand: Meet IEC60601-1.
EMI: Meet EN55011 FCC Class B.
Hold-up Time: Typical 15.7mS at 115Vac,
Typical 82.6mS at 230Vac.
Over Temp. Protection: Available.
Leakage Current: Less than 100uA.
No Load Power: Less than 0.5W at 230Vac.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com
Total Power International, Inc.


Similar Part No. - TPEMG75-120530-8

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPEMG24 TOTAL-POWER-TPEMG24 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24-S050400-7 TOTAL-POWER-TPEMG24-S050400-7 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24-S050400-8 TOTAL-POWER-TPEMG24-S050400-8 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24-S075300-7 TOTAL-POWER-TPEMG24-S075300-7 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24-S075300-8 TOTAL-POWER-TPEMG24-S075300-8 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results

Similar Description - TPEMG75-120530-8

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPEMG24 TOTAL-POWER-TPEMG24 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG49 TOTAL-POWER-TPEMG49 Datasheet
181Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES61 TOTAL-POWER-TPES61 Datasheet
433Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP100G TOTAL-POWER-TPEMP100G Datasheet
483Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G TOTAL-POWER-TPEMP150G Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
HITRON ELECTRONICS CORP...
HEMP106G HITRON-HEMP106G Datasheet
108Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
Total Power Internation...
TPES65 TOTAL-POWER-TPES65 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEG42 TOTAL-POWER-TPEG42 Datasheet
481Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES25 TOTAL-POWER-TPES25 Datasheet
458Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com