Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPEMG49-S120400-7 Datasheet(PDF) 1 Page - Total Power International

Part # TPEMG49-S120400-7
Description  ACCOMMODATE UNIVERSAL AC INPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPEMG49-S120400-7 Datasheet(HTML) 1 Page - Total Power International

  TPEMG49-S120400-7 Datasheet HTML 1Page - Total Power International TPEMG49-S120400-7 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL INPUT AC-DC MEDICAL & ITE APPLICATION
EXTERNAL DESKTOP SWITCHING ADAPTER 48-50 WATTS
GREEN POWER SINGLE OUTPUT
TPEMG49 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC INPUT
MEET MEDICAL STANDARDS IEC60601-1
& ITE STANDARDS IEC60950-1
EMI MEET EN 55011 & EN55022 /
FCC CLASS B
MEET ENERGY STAR LEVEL V &
CEC LEVEL IV
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typical 48-50Watts.
Output Connector & Cord: Optional.
Line Regulation: Typical 0.1%.
Load Regulation: Typical ±1.5-3.0%.
Noise & Ripple: 1.0% peak to peak.
OVP: Built-in by latch circuit.
Adjustability: Factory set.
Over Current Protection (OCP):
Fully protected against output overload and short circuit.
The PSU will shut down after OCP is activated.
Consult the factory for OCP setting.
GENERAL SPECIFICATION
Efficiency: Typical 87%-88% (various with the output
voltage)
Switching Frequency: Typical 65KHz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Output voltage returns in less than
5.5mS following a 50% load change.
Safety Standard: Meet Medical IEC60601-1 & ITE
IEC60950-1, Class I for DT7(C14) or Class II for DT8(C8)
Operating Temperature: 0°C to +40°C.
Storage Temperature: -20 to +85°C.
Cooling: Free air convection.
Construction: Impact resistant thermo-plastic
enclosure case.
Power Density: 314-3.27Watts. / Cubic inch.
Desktop Format.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load varied from half load to full load (
%).
(3) The exact obtainable load regulation depends upon the output cord selected and load current.
(4) Due to requests in market and advances in technology, specifications subject to change without notice.
For the details of safety approval, please consult the factory.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typical 90-264Vac.
Input Connector: 3 pole AC inlet IEC320-C14(DT7) /
2 pole AC inlet IEC320-C8(DT8).
Input Frequency: 47-63Hz.
Inrush Current: 12Arms (52Apk) at 230Vac.
Input Current: Typical 0.91A at 115Vac/ 0.57A at 230Vac.
Dielectric Withstand: Meet IEC60601-1 & IEC60950-1.
EMI: Meet EN55011 & EN55022 / FCC Class B.
Hold-up Time: Typical 12mS at 115Vac.
Typical 70mS at 230Vac.
Over Temp. Protection: Optional (NTC circuit).
Earth Leakage Current (Class I) : Less than 0.3 mA.
Touch Leakage Current (Class I & II) :Less than 0.1mA.
No Load Power: Less than 0.3W at 230Vac
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com
Total Power International, Inc.


Similar Part No. - TPEMG49-S120400-7

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPEMG24 TOTAL-POWER-TPEMG24 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24-S050400-7 TOTAL-POWER-TPEMG24-S050400-7 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24-S050400-8 TOTAL-POWER-TPEMG24-S050400-8 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24-S075300-7 TOTAL-POWER-TPEMG24-S075300-7 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24-S075300-8 TOTAL-POWER-TPEMG24-S075300-8 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
More results

Similar Description - TPEMG49-S120400-7

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPEMG75 TOTAL-POWER-TPEMG75 Datasheet
376Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMG24 TOTAL-POWER-TPEMG24 Datasheet
212Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES61 TOTAL-POWER-TPES61 Datasheet
433Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP100G TOTAL-POWER-TPEMP100G Datasheet
483Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEMP150G TOTAL-POWER-TPEMP150G Datasheet
366Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
HITRON ELECTRONICS CORP...
HEMP106G HITRON-HEMP106G Datasheet
108Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
logo
Total Power Internation...
TPES65 TOTAL-POWER-TPES65 Datasheet
615Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPEG42 TOTAL-POWER-TPEG42 Datasheet
481Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPES25 TOTAL-POWER-TPES25 Datasheet
458Kb / 2P
   ACCOMMODATE UNIVERSAL AC INPUT
TPMI100 TOTAL-POWER-TPMI100 Datasheet
156Kb / 2P
   ACCOMMODATE UNIVERSAL AC SOURCES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com