Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LKG2A122MESZAK Datasheet(PDF) 2 Page - Nichicon corporation

Part # LKG2A122MESZAK
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LKG2A122MESZAK Datasheet(HTML) 2 Page - Nichicon corporation

  LKG2A122MESZAK Datasheet HTML 1Page - Nichicon corporation LKG2A122MESZAK Datasheet HTML 2Page - Nichicon corporation LKG2A122MESZAK Datasheet HTML 3Page - Nichicon corporation LKG2A122MESZAK Datasheet HTML 4Page - Nichicon corporation LKG2A122MESZAK Datasheet HTML 5Page - Nichicon corporation LKG2A122MESZAK Datasheet HTML 6Page - Nichicon corporation LKG2A122MESZAK Datasheet HTML 7Page - Nichicon corporation LKG2A122MESZAK Datasheet HTML 8Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
348
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100E
LKG
Dimensions (
Snap-in Terminal Type : Grade TYPE-1)
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
22 × 20
20 × 25
25 × 20
20 × 30
22 × 25
20 × 35
22 × 30
25 × 25
30 × 20
20 × 40
22 × 35
25 × 30
35 × 20
20 × 45
22 × 40
25 × 35
30 × 25
22 × 45
25 × 40
30 × 30
25 × 45
30 × 35
35 × 25
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
1.35
1.45
1.70
1.90
1.90
2.05
2.05
2.00
2.10
2.25
2.20
2.15
2.10
2.60
2.50
2.40
2.50
2.80
2.60
2.65
2.95
2.90
2.90
3.40
3.25
3.35
3.70
3.65
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.35
0.45
0.45
0.45
0.57
0.57
LKG1C472MESZAK
LKG1C562MESYAK
LKG1C682MESAAK
LKG1C822MESYAK
LKG1C822MESZAK
LKG1C103MESYAK
LKG1C103MESZAK
LKG1C103MESAAK
LKG1C103MESBAK
LKG1C123MESYAK
LKG1C123MESZAK
LKG1C123MESAAK
LKG1C123MESCAK
LKG1C153MESYAK
LKG1C153MESZAK
LKG1C153MESAAK
LKG1C153MESBAK
LKG1C183MESZAK
LKG1C183MESAAK
LKG1C183MESBAK
LKG1C223MESAAK
LKG1C223MESBAK
LKG1C223MESCAK
LKG1C273MESAAK
LKG1C273MESBAK
LKG1C273MESCAK
LKG1C333MESBAK
LKG1C333MESCAK
16V(1C)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
22 × 20
20 × 25
25 × 20
20 × 30
22 × 25
30 × 20
20 × 35
22 × 30
25 × 25
20 × 40
22 × 35
25 × 30
35 × 20
20 × 50
22 × 40
30 × 25
22 × 45
25 × 40
30 × 30
25 × 45
30 × 35
35 × 25
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
30 × 50
35 × 40
35 × 45
1.45
1.60
1.55
1.75
1.75
1.85
2.20
2.20
2.15
2.40
2.35
2.25
2.25
2.50
2.60
2.60
2.90
2.70
2.75
3.05
3.00
3.20
3.45
3.30
3.40
3.80
3.80
4.30
4.15
4.70
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
LKG1V222MESZAK
LKG1V272MESYAK
LKG1V272MESAAK
LKG1V332MESYAK
LKG1V332MESZAK
LKG1V392MESBAK
LKG1V472MESYAK
LKG1V472MESZAK
LKG1V472MESAAK
LKG1V562MESYAK
LKG1V562MESZAK
LKG1V562MESAAK
LKG1V562MESCAK
LKG1V682MESYAK
LKG1V682MESZAK
LKG1V682MESBAK
LKG1V822MESZAK
LKG1V822MESAAK
LKG1V822MESBAK
LKG1V103MESAAK
LKG1V103MESBAK
LKG1V103MESCAK
LKG1V123MESAAK
LKG1V123MESBAK
LKG1V123MESCAK
LKG1V153MESBAK
LKG1V153MESCAK
LKG1V183MESBAK
LKG1V183MESCAK
LKG1V223MESCAK
35V(1V)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
22 × 20
20 × 25
25 × 20
20 × 30
22 × 25
20 × 35
22 × 30
25 × 25
30 × 20
20 × 40
22 × 35
20 × 45
22 × 40
25 × 30
30 × 25
35 × 20
20 × 50
22 × 45
25 × 35
22 × 50
25 × 40
30 × 30
35 × 25
25 × 45
30 × 35
30 × 40
35 × 30
30 × 45
35 × 35
35 × 40
35 × 50
1.55
1.70
1.65
1.85
1.85
2.00
2.00
1.95
2.05
2.25
2.20
2.45
2.35
2.50
2.35
2.45
2.75
2.60
2.70
2.90
2.90
3.00
2.85
3.30
3.25
3.55
3.65
4.00
4.00
4.35
4.70
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
LKG1H152MESZAK
LKG1H182MESYAK
LKG1H182MESAAK
LKG1H222MESYAK
LKG1H222MESZAK
LKG1H272MESYAK
LKG1H272MESZAK
LKG1H272MESAAK
LKG1H272MESBAK
LKG1H332MESYAK
LKG1H332MESZAK
LKG1H392MESYAK
LKG1H392MESZAK
LKG1H392MESAAK
LKG1H392MESBAK
LKG1H392MESCAK
LKG1H472MESYAK
LKG1H472MESZAK
LKG1H472MESAAK
LKG1H562MESZAK
LKG1H562MESAAK
LKG1H562MESBAK
LKG1H562MESCAK
LKG1H682MESAAK
LKG1H682MESBAK
LKG1H822MESBAK
LKG1H822MESCAK
LKG1H103MESBAK
LKG1H103MESCAK
LKG1H123MESCAK
LKG1H153MESCAK
50V(1H)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
22 × 20
20 × 25
25 × 20
20 × 30
22 × 25
30 × 20
20 × 35
22 × 30
25 × 25
20 × 40
22 × 35
25 × 30
35 × 20
20 × 50
22 × 40
25 × 35
30 × 25
22 × 45
25 × 40
30 × 30
35 × 25
25 × 45
30 × 35
25 × 50
30 × 40
35 × 30
30 × 45
35 × 35
35 × 40
35 × 45
1.50
1.60
1.55
1.70
1.70
1.85
2.20
2.20
2.15
2.40
2.35
2.30
2.25
2.55
2.65
2.50
2.65
2.90
2.75
2.80
2.65
3.15
3.10
3.55
3.40
3.50
3.85
3.85
4.30
4.85
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.30
0.40
0.52
LKG1E332MESZAK
LKG1E392MESYAK
LKG1E392MESAAK
LKG1E472MESYAK
LKG1E472MESZAK
LKG1E562MESBAK
LKG1E682MESYAK
LKG1E682MESZAK
LKG1E682MESAAK
LKG1E822MESYAK
LKG1E822MESZAK
LKG1E822MESAAK
LKG1E822MESCAK
LKG1E103MESYAK
LKG1E103MESZAK
LKG1E103MESAAK
LKG1E103MESBAK
LKG1E123MESZAK
LKG1E123MESAAK
LKG1E123MESBAK
LKG1E123MESCAK
LKG1E153MESAAK
LKG1E153MESBAK
LKG1E183MESAAK
LKG1E183MESBAK
LKG1E183MESCAK
LKG1E223MESBAK
LKG1E223MESCAK
LKG1E273MESCAK
LKG1E333MESCAK
25V(1E)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated ripple current (Arms) at 85°C 120Hz


Similar Description - LKG2A122MESZAK

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com