Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X7R2A222K085AM Datasheet(PDF) 1 Page - TDK Electronics

Part # C2012X7R2A222K085AM
Description  Commercial Grade ( Open Mode )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012X7R2A222K085AM Datasheet(HTML) 1 Page - TDK Electronics

  C2012X7R2A222K085AM Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Grade ( Open Mode )
C2012 [EIA CC0805]
L
2.00mm +/-0.2mm
W
1.25mm +/-0.2mm
T
0.85mm +/-0.15mm
B
0.20mm Min.
G
0.50mm Min.
X7R (-55 to 125 degC +/-15%)
2A (100Vdc)
2.2nF
K (+/-10%)
3% Max.
10Gohm Min.
Not Applicable
All specifications are subject to change without notice.
January 3, 2016
C2012X7R2A222K085AM
TDK Item Description : C2012X7R2A222KT5***
Cap. vs. Freq. Characteristic
0.1
1
10
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.1
1
10
100
1000
10000
100000
1000000
10000000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-35
-30
-25
-20
-15
-10
-5
0
5
0
20406080
100
120
DC Bias/V
Temperature Characteristics
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
-80
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Ripple Temperature Rise Characteristics
0
5
10
15
20
25
0
0.05
0.1
0.15
0.2
0.25
Current/Arms
100kHz
500kHz
1MHz
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Dissipation Factor
Insulation Resistance
AEC-Q200


Similar Part No. - C2012X7R2A222K085AM

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012X7R2A222K085AA TDK-C2012X7R2A222K085AA Datasheet
138Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C2012X7R2A222K085AA TDK-C2012X7R2A222K085AA_17 Datasheet
239Kb / 3P
   Multilayer Ceramic Chip Capacitors
C2012X7R2A222K085AE TDK-C2012X7R2A222K085AE Datasheet
241Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2012X7R2A222K085AM

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012X7R2E682K125AM TDK-C2012X7R2E682K125AM Datasheet
139Kb / 1P
   Commercial Grade ( Open Mode )
C3216X7R2E333K160AM TDK-C3216X7R2E333K160AM Datasheet
138Kb / 1P
   Commercial Grade ( Open Mode )
C3225X7R2E104K200AM TDK-C3225X7R2E104K200AM Datasheet
138Kb / 1P
   Commercial Grade ( Open Mode )
C3225X7R2A105K200AM TDK-C3225X7R2A105K200AM Datasheet
138Kb / 1P
   Commercial Grade ( Open Mode )
C3225X7R2J473K200AM TDK-C3225X7R2J473K200AM Datasheet
138Kb / 1P
   Commercial Grade ( Open Mode )
C3216X7R2J152K115AM TDK-C3216X7R2J152K115AM Datasheet
138Kb / 1P
   Commercial Grade ( Open Mode )
C3216X7R2J223K130AM TDK-C3216X7R2J223K130AM Datasheet
139Kb / 1P
   Commercial Grade ( Open Mode )
C2012X7R2A332K085AM TDK-C2012X7R2A332K085AM Datasheet
138Kb / 1P
   Commercial Grade ( Open Mode )
C5750X7R2A105K230KM TDK-C5750X7R2A105K230KM Datasheet
138Kb / 1P
   Commercial Grade ( Open Mode )
C5750X7R2A684K160KM TDK-C5750X7R2A684K160KM Datasheet
139Kb / 1P
   Commercial Grade ( Open Mode )
C5750X7R2E105K230KM TDK-C5750X7R2E105K230KM Datasheet
144Kb / 1P
   Commercial Grade ( Open Mode )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com