Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54ACT564 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. 54ACT564
Description  Octal D-Type Flip-Flop with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT564 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54ACT564 Datasheet HTML 1Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 2Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 3Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT564 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DC Characteristics for ’ACT Family Devices (Continued)
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
AC Electrical Characteristics for ’ACT Family Devices
54ACT
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 4)
C
L = 50 pF
Min
Max
f
MAX
Maximum Clock
Frequency
5.0
65
ns
t
PLH
Propagation Delay
5.0
1.0
12.5
ns
CP to O
n
t
PHL
Propagation Delay
5.0
1.0
11.5
ns
CP to O
n
t
PZH
Output Enable Time
5.0
1.0
10.5
ns
t
PZL
Output Enable Time
5.0
1.0
10.5
ns
t
PHZ
Output Disable Time
5.0
1.0
12.5
ns
t
PLZ
Output Disable Time
5.0
1.0
9.5
ns
Note 4: Voltage Range 5.0 is 5.0V ±0.5V
AC Operating Requirements for ’ACT Family Devices
54ACT
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 5)
C
L = 50 pF
Guaranteed Minimum
t
s
Set-Up Time, HIGH or LOW
5.0
3.5
ns
D
n to CP
t
h
Hold Time, HIGH or LOW
5.0
2.5
ns
D
n to CP
t
w
CP Pulse Width
5.0
5.0
ns
HIGH or LOW
Note 5: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation Capacitance
40.0
pF
V
CC = 5.0V
www.national.com
4


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54ABT574Octal D-Type Flip-Flop with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54AC574Octal D-Type Flip-Flop with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54F374DMOctal D-Type Flip-Flop with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54F534DMOctal D-Type Flip-Flop with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54F574DMOctal D-Type Flip-Flop with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54FCT374Octal D-Type Flip-Flop with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
54ABT374Octal D-Type Flip-Flop with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
DM74LS564Octal D-Type Flip-Flop with TRI-STATE Outputs 1 2 3 4 National Semiconductor (TI)
54FCT574Octal D-Type Flip-Flop with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)
74ACT11374OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn