Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF372017IRGZT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TRF372017IRGZT
Description  Integrated IQ Modulator PLL/VCO
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF372017IRGZT Datasheet(HTML) 3 Page - Texas Instruments

  TRF372017IRGZT Datasheet HTML 1Page - Texas Instruments TRF372017IRGZT Datasheet HTML 2Page - Texas Instruments TRF372017IRGZT Datasheet HTML 3Page - Texas Instruments TRF372017IRGZT Datasheet HTML 4Page - Texas Instruments TRF372017IRGZT Datasheet HTML 5Page - Texas Instruments TRF372017IRGZT Datasheet HTML 6Page - Texas Instruments TRF372017IRGZT Datasheet HTML 7Page - Texas Instruments TRF372017IRGZT Datasheet HTML 8Page - Texas Instruments TRF372017IRGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
VCC_LO1
1
2
3
4
5
36
35
34
33
32
6
7
8
9
10
31
30
29
28
27
VCC_DIG
GND_DIG
GND
LD
BBQ_N
BBQ_P
GND
LO_OUT_P
LO_OUT_N
EXT_VCO
BBI_N
BBI_P
GND
VCC_VCO2
VCC_LO2
GND
GND
11
12
26
25
PS
RDBK
GND
GND
GND
VCC_VCO1
TRF372017
www.ti.com
SLWS224E – AUGUST 2010 – REVISED JANUARY 2016
5 Pin Configuration and Functions
RGZ Package
48-Pin VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Base-band in-phase input: positive terminal. Internal 5 k
Ω to VCM generator. If VCM is
BBI_P
27
I
internally generated (PWD_BB_VCM = 0), external AC coupling caps and 100-
Ω differential
termination to BBI_N is required.
Base-band in-phase input: negative terminal. Internal 5 k
Ω to VCM generator. If VCM is
BBI_N
28
I
internally generated (PWD_BB_VCM = 0), external AC coupling caps and 100-
Ω differential
termination to BBI_P is required.
Base-band in-quadrature input: negative terminal. Internal 5 k
Ω to VCM generator. If VCM is
BBQ_N
9
I
internally generated (PWD_BB_VCM = 0), external AC coupling caps and 100-
Ω differential
termination to BBQ_P is required.
Base-band in-quadrature input: positive terminal. Internal 5 k
Ω to VCM generator. If VCM is
BBQ_P
10
I
internally generated (PWD_BB_VCM = 0), external AC coupling caps and 100-
Ω differential
termination to BBQ_N is required.
CLK
47
I
SPI clock input. Digital input. High impedance.
CP_OUT
40
O
Charge pump output
DATA
46
I
SPI data input. Digital input. High impedance.
EXT_VCO
36
I
External local oscillator input. High impedance. Normally AC-coupled.
6, 8, 11, 12, 13,
15, 16, 17, 19,
GND
22, 23, 24, 25,
Ground
26, 29, 31, 37,
39, 42, 44
GND_DIG
4
Digital ground
PLL lock detect output, as configured by MUX_CTRL. Digital output pins can source or sink
LD
5
O
up to 8 mA of current.
LE
45
I
SPI latch enable. Digital input. High impedance.
Copyright © 2010–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TRF372017IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF372017IRGZT TI1-TRF372017IRGZT Datasheet
2Mb / 62P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
More results

Similar Description - TRF372017IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF372017 TI1-TRF372017 Datasheet
2Mb / 62P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
TRF3722 TI1-TRF3722 Datasheet
2Mb / 67P
[Old version datasheet]   Quadrature Modulator with Integrated PLL and VCO
TRF3722 TI-TRF3722_15 Datasheet
2Mb / 67P
[Old version datasheet]   TRF3722 Quadrature Modulator with Integrated PLL and VCO
logo
RF Micro Devices
RFMD2081 RFMD-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
logo
Asahi Kasei Microsystem...
AK1574 AKM-AK1574 Datasheet
2Mb / 66P
   46.875-1682.5MHz Fractional-N PLL with integrated VCO and FM/FSK modulator
logo
Qorvo, Inc
RFMD2081 QORVO-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
ACS1790T SEMTECH-ACS1790T Datasheet
1Mb / 48P
   PLL Frequency Synthesizer with Integrated VCO
logo
Analog Devices
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com