Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF370417IRGER Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TRF370417IRGER
Description  50-MHz to 6-GHz Quadrature Modulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF370417IRGER Datasheet(HTML) 11 Page - Texas Instruments

Back Button TRF370417IRGER Datasheet HTML 7Page - Texas Instruments TRF370417IRGER Datasheet HTML 8Page - Texas Instruments TRF370417IRGER Datasheet HTML 9Page - Texas Instruments TRF370417IRGER Datasheet HTML 10Page - Texas Instruments TRF370417IRGER Datasheet HTML 11Page - Texas Instruments TRF370417IRGER Datasheet HTML 12Page - Texas Instruments TRF370417IRGER Datasheet HTML 13Page - Texas Instruments TRF370417IRGER Datasheet HTML 14Page - Texas Instruments TRF370417IRGER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
−80
−70
−60
−50
−40
−30
−20
−10
0
2040
2080
2120
2160
2200
2240
f − Frequency − MHz
G025
85
°C
–40
°C
25
°C
Adj at 2140 MHz @ 25
°C
LO = 4 dBm
VCC = 5 V
−80
−70
−60
−50
−40
−30
−20
−10
0
900 910 920 930 940 950 960 970 980 990 1000
f − Frequency − MHz
G024
85
°C
–40
°C
25
°C
Adj at 942.6 MHz @ 25
°C
LO = 4 dBm
VCC = 5 V
POUT − Output Power − dBm
−166
−164
−162
−160
−158
−156
−154
−10 −9 −8 −7 −6 −5 −4 −3 −2 −1 0
1
2
3
4
5
G022
948.5 MHz
VCC = 5 V
LO = 8 dBm
TA = 25°C
1960 MHz
1800 MHz
2140 MHz
5600 MHz
−80
−70
−60
−50
−40
−30
−20
−10
0
60
62
64
66
68
70
72
74
76
78
80
f − Frequency − MHz
G023
Adj at 70 MHz @ 25
°C
LO = 4 dBm
VCC = 5 V
–40
°C
85
°C
25
°C
f − Frequency − GHz
−170
−168
−166
−164
−162
−160
−158
−156
−154
−152
−150
0.8
1.4
2.0
2.6
3.2
3.8
4.4
5.0
5.6
G020
–40
°C
25
°C
POUT = −5 dBm
LO = 8 dBm
VCC = 5 V
85
°C
f − Frequency − GHz
−170
−168
−166
−164
−162
−160
−158
−156
−154
−152
−150
0.8
1.4
2.0
2.6
3.2
3.8
4.4
5.0
5.6
G021
5.5 V
POUT = −5 dBm
LO = 8 dBm
TA = 25°C
4.5 V
5 V
TRF370417
www.ti.com
SLWS213A – JANUARY 2010 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
VCM = 1.7 V, VinBB = 98 mVrms single-ended sine wave in quadrature, VCC = 5 V, LO power = 4 dBm (single-ended), fBB = 50
kHz (unless otherwise noted).
Figure 19. Noise at 13-MHz Offset (dBm/Hz) vs Frequency
Figure 20. Noise at 13-MHz Offset (dBm/Hz) vs Frequency
and Temperature
and Supply Voltage
Figure 21. Noise at 13-MHz Offset (dBm/Hz) vs Output
Figure 22. Adjusted Carrier Feedthrough vs Frequency and
Power
Temperature
Figure 23. Adjusted Carrier Feedthrough vs Frequency and
Figure 24. Adjusted Carrier Feedthrough vs Frequency and
Temperature
Temperature
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TRF370417


Similar Part No. - TRF370417IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370417IRGER TI-TRF370417IRGER Datasheet
613Kb / 29P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
More results

Similar Description - TRF370417IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417 TI-TRF370417 Datasheet
613Kb / 29P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
logo
Analog Devices
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5375 AD-ADL5375 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5375ACPZ-R7 AD-ADL5375ACPZ-R7 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5385 AD-ADL5385 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com