Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF3761-B Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TRF3761-B
Description  Integer-N PLL with Integrated VCO
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF3761-B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TRF3761-B Datasheet HTML 7Page - Texas Instruments TRF3761-B Datasheet HTML 8Page - Texas Instruments TRF3761-B Datasheet HTML 9Page - Texas Instruments TRF3761-B Datasheet HTML 10Page - Texas Instruments TRF3761-B Datasheet HTML 11Page - Texas Instruments TRF3761-B Datasheet HTML 12Page - Texas Instruments TRF3761-B Datasheet HTML 13Page - Texas Instruments TRF3761-B Datasheet HTML 14Page - Texas Instruments TRF3761-B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
TRF3761, TRF3761-A, TRF3761-B
TRF3761-C, TRF3761-D, TRF3761-E, TRF3761-F
TRF3761-G, TRF3761-H, TRF3761-J, TRF3761-K
www.ti.com
SLWS181K – OCTOBER 2005 – REVISED DECEMBER 2015
7.9 Electrical Characteristics, TRF3761-E
Supply voltage = VCC = 5 V, TA = –40 to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NOISE CHARACTERISTICS
100kHz offset
–118
600kHz offset
–138
VCO phase noise,
fVCO = 1869MHz,
1MHz offset
–142
dBc/Hz
Free running VCO direct output
fO = 1869MHz
6MHz offset
–155
10MHz offset
–157.3
100kHz offset
–126
600kHz offset
–144
VCO phase noise,
fVCO = 1869MHz,
1MHz offset
–149
dBc/Hz
Free running VCO divide-by-2 output
fO = 934.5MHz
6MHz offset
–158
10MHz offset
–158.2
100kHz offset
–132
600kHz offset
–150
VCO phase noise,
fVCO = 1869MHz,
1MHz offset
–154
dBc/Hz
Free running VCO divide-by-4 output
fO = 467.25MHz
6MHz offset
-157
10MHz offset
–157.3
1kHz offset
–84.5
600kHz offset
–140
VCO phase noise,
fVCO = 1869MHz,
dBc/Hz
Closed loop phase noise direct output(1) (2) (3)
fO = 1869MHz
1MHz offset
–143.6
10MHz offset
–157
RMS phase error
100Hz to 10MHz
0.9°
Closed loop phase noise direct output(3)
1kHz offset
–90.7
600kHz offset
–144
VCO phase noise,
fVCO = 1869MHz,
dBc/Hz
Closed loop phase noise divide-by-2 output(1) (2) (3)
fO = 934.5MHz
1MHz offset
–148.5
10MHz offset
–158
RMS phase error
100Hz to 10MHz
0.53°
Closed loop phase noise divide-by-2 output(3)
1kHz offset
–95
600kHz offset
–150
VCO phase noise,
fVCO = 1869MHz,
dBc/Hz
Closed loop phase noise divide-by-4 output(1) (2) (3)
fO = 467.25MHz
1MHz offset
–154
10MHz offset
–157
RMS phase error
100Hz to 10MHz
0.35°
Closed loop phase noise divide-by-4 output(3)
VCO gain, Kv
VCO free running
23
MHz/V
Reference spur(2)
–80
dBc
(1)
See Application Circuit Figure 87.
(2)
PFD = 200kHz, Loop Filter BW = 15kHz, Output frequency step = 200kHz.
(3)
Reference oscillator RMS phase error = 0.008250°, RMS jitter = 881.764 fs.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TRF3761 TRF3761-A TRF3761-B TRF3761-C TRF3761-D TRF3761-E TRF3761-F TRF3761-G
TRF3761-H TRF3761-J TRF3761-K


Similar Part No. - TRF3761-B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761-B TI-TRF3761-B Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761-BIRHAR TI-TRF3761-BIRHAR Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761-BIRHARG4 TI-TRF3761-BIRHARG4 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761-BIRHAT TI-TRF3761-BIRHAT Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761-BIRHATG4 TI-TRF3761-BIRHATG4 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
More results

Similar Description - TRF3761-B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3765 TI1-TRF3765_15 Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
TRF3765 TI1-TRF3765 Datasheet
1Mb / 51P
[Old version datasheet]   Integer-N/Fractional-N PLL with Integrated VCO
logo
Skyworks Solutions Inc.
SKY73208-11 SKYWORKS-SKY73208-11 Datasheet
1Mb / 17P
   350-5000 MHz Wideband Receive Mixer with Integrated Integer-N PLL and VCO
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com