Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF370417 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TRF370417
Description  50-MHz to 6-GHz Quadrature Modulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF370417 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TRF370417 Datasheet HTML 4Page - Texas Instruments TRF370417 Datasheet HTML 5Page - Texas Instruments TRF370417 Datasheet HTML 6Page - Texas Instruments TRF370417 Datasheet HTML 7Page - Texas Instruments TRF370417 Datasheet HTML 8Page - Texas Instruments TRF370417 Datasheet HTML 9Page - Texas Instruments TRF370417 Datasheet HTML 10Page - Texas Instruments TRF370417 Datasheet HTML 11Page - Texas Instruments TRF370417 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
f − Frequency − MHz
4
6
8
10
12
14
16
18
20
0
1000
2000
3000
4000
5000
6000
G005
–40
°C
25
°C
LO = 4 dBm
VCC = 5 V
85
°C
f − Frequency − MHz
4
6
8
10
12
14
16
18
20
0
1000
2000
3000
4000
5000
6000
G006
4.5 V
5.5 V
5 V
LO = 4 dBm
TA = 25°C
f − Frequency − MHz
−12
−10
−8
−6
−4
−2
0
2
0
1000
2000
3000
4000
5000
6000
G003
VIN = 98 mVrms SE
LO = 4 dBm
TA = 25°C
4.5 V
5 V
5.5 V
f − Frequency − MHz
−12
−10
−8
−6
−4
−2
0
2
0
1000
2000
3000
4000
5000
6000
G004
VIN = 98 mVrms SE
VCC = 5 V
TA = 25°C
–5 dBm
0 dBm
4 dBm
8 dBm
−20
−15
−10
−5
0
5
10
15
VBB − Baseband Voltage Single-Ended RMS − V
0.01
0.1
1
G001
f − Frequency − MHz
−12
−10
−8
−6
−4
−2
0
2
0
1000
2000
3000
4000
5000
6000
G002
–40
°C
25
°C
85
°C
VIN = 98 mVrms SE
LO = 4 dBm
VCC = 5 V
TRF370417
SLWS213A – JANUARY 2010 – REVISED NOVEMBER 2015
www.ti.com
6.7 Typical Characteristics
VCM = 1.7 V, VinBB = 98 mVrms single-ended sine wave in quadrature, VCC = 5 V, LO power = 4 dBm (single-ended), fBB = 50
kHz (unless otherwise noted).
Figure 2. Output Power vs Frequency and Temperature
Figure 1. Output Power vs Baseband Voltage
Figure 3. Output Power vs Frequency and Supply Voltage
Figure 4. Output Power vs Frequency and LO Power
Figure 5. P1dB vs Frequency and Temperature
Figure 6. P1dB vs Frequency and Supply Voltage
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TRF370417


Similar Part No. - TRF370417

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370417 TI-TRF370417 Datasheet
613Kb / 29P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417 TI1-TRF370417 Datasheet
111Kb / 6P
[Old version datasheet]   QUADRATURE MODULATOR
TRF370417 TI-TRF370417 Datasheet
1Mb / 31P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
[Old version datasheet]   QUADRATURE MODULATOR
TRF370417IRGER TI-TRF370417IRGER Datasheet
613Kb / 29P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
More results

Similar Description - TRF370417

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417 TI-TRF370417 Datasheet
613Kb / 29P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
logo
Analog Devices
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5375 AD-ADL5375 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5375ACPZ-R7 AD-ADL5375ACPZ-R7 Datasheet
926Kb / 36P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5385 AD-ADL5385 Datasheet
1Mb / 24P
   50 MHz to 2200 MHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com