Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF37A32 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TRF37A32
Description  Dual Down Converter Mixer With Integrated IF AMP
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF37A32 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRF37A32 Datasheet HTML 3Page - Texas Instruments TRF37A32 Datasheet HTML 4Page - Texas Instruments TRF37A32 Datasheet HTML 5Page - Texas Instruments TRF37A32 Datasheet HTML 6Page - Texas Instruments TRF37A32 Datasheet HTML 7Page - Texas Instruments TRF37A32 Datasheet HTML 8Page - Texas Instruments TRF37A32 Datasheet HTML 9Page - Texas Instruments TRF37A32 Datasheet HTML 10Page - Texas Instruments TRF37A32 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
TRF37A32, TRF37B32, TRF37C32
www.ti.com
SLASE37A – MAY 2014 – REVISED DECEMBER 2014
7.6 Electrical Characteristics, TRF37B32
TA = 25°C, VCC = 3.3 V; PRF = –10 dBm; PLO = 0 dBm; FIF = 200 MHz; Low Side Injection, LPM = 0 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Parameters
VCC
Supply Voltage
3.15
3.3
3.45
V
ICC
Supply Current
FLO = 1750 MHz
305
mA
Pdiss
Total Power Dissipation
FLO = 1750 MHz
1
W
Power Down Current
2
mA
RF Frequency Range
FRF
Frequency Range
700
2700
MHz
RF Specifications
G
Gain
FRF = 1950 MHz (LSI)
10
dB
Gvar
Gain Variation over Frequency
within any 200 MHz Band
0.5
dB
SSB Noise Figure
FRF = 1950 MHz (LSI)
9.2
dB
NF
SSB Noise Figure with Blocker
5 dBm blocker signal
15.5
dB
Δf > 50 MHz
FRF = 1950 MHz (LSI),
IIP3
Input 3rd Order Intercept Point
32
dBm
Fspacing = 20 MHz
FRF = 1950 MHz (LSI),
OIP3
Output 3rd Order Intercept Point
42
dBm
Fspacing = 20 MHz
OIP2
Output 2nd Order Intercept Point
FRF = 1950 MHz (LSI)
70
dBm
IP1dB
Input 1 dB Compression Point
FRF = 1950 MHz (LSI)
10.8
dBm
ZIN
Input Impedance
50
Ω
RLi
Input Return Loss
FRF = 1700 - 2700 MHz (LSI)
10
dB
LO Input
PLO
LO Drive Level
–3
0
6
dBm
FLO
LO Frequency Range
500
2900
MHz
ZIN
Input Impedance
50
Ω
RLi
Input Return Loss
FRF = 1500 - 2450 MHz
15
dB
Low Power Mode: LPM = 1
ICC
Supply Current
FLO = 1750 MHz
220
mA
Pdiss
Total Power Dissipation
FLO = 1750 MHz
0.73
W
G
Gain
FRF = 1950 MHz (LSI)
9.2
dB
NF
SSB Noise Figure
FRF = 1950 MHz (LSI)
9.2
dB
FRF = 1950 MHz (LSI),
IIP3
Input 3rd Order Intercept Point
23
dBm
Fspacing = 20 MHz
IP1dB
Input 1 dB Compression Point
FRF = 1950 MHz (LSI)
10.7
dBm
Isolation
Drive RFinA/B
Channel Isolation
IFoutA/B-IFoutB/A
45
dB
FRF = 1950 MHz
RF to IF Isolation
FRF = 1950 MHz
22
dB
LO to RF Leakage
PLO = 0 dBm
–50
dBm
LO to IF Leakage
PLO = 0 dBm
–42
dBm
Spurious
2x2 Spurious Product
2RF - 2LO
70
dBc
3x3 Spurious Product
3RF - 3LO
75
dBc
IF Output
ZL
Differential Output Impedance Load
200
Ω
FIF
Frequency Range
1 dB corner frequency
30
600
MHz
Externally supplied DC bias through
DC Bias Range
3.3
RF choke
V
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TRF37A32 TRF37B32 TRF37C32


Similar Part No. - TRF37A32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37A32 TI-TRF37A32 Datasheet
1Mb / 36P
[Old version datasheet]   TRF37x32 Dual Down Converter Mixer With Integrated IF AMP
TRF37A32 TI-TRF37A32_15 Datasheet
1Mb / 36P
[Old version datasheet]   TRF37x32 Dual Down Converter Mixer With Integrated IF AMP
More results

Similar Description - TRF37A32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF37A32 TI-TRF37A32_15 Datasheet
1Mb / 36P
[Old version datasheet]   TRF37x32 Dual Down Converter Mixer With Integrated IF AMP
logo
NTE Electronics
NTE1578 NTE-NTE1578 Datasheet
21Kb / 2P
   Integrated Circuit FM Mixer/IF Amp
logo
TriQuint Semiconductor
CMY212 TRIQUINT-CMY212 Datasheet
166Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY213 TRIQUINT-CMY213_15 Datasheet
286Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY212 TRIQUINT-CMY212_15 Datasheet
283Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
logo
NTE Electronics
NTE1487 NTE-NTE1487 Datasheet
19Kb / 2P
   Integrated Circuit AM RF Converter, IF Amp
NTE1242 NTE-NTE1242 Datasheet
21Kb / 2P
   Integrated Circuit FM/AM IF Amp, AM Converter
NTE1100 NTE-NTE1100 Datasheet
22Kb / 2P
   Integrated Circuit TV Sound IF Amp, FM IF Amp
NTE1040 NTE-NTE1040 Datasheet
69Kb / 2P
   Integrated Circuit FM IF Amp
NTE1474 NTE-NTE1474 Datasheet
68Kb / 2P
   Integrated Circuit FM IF Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com