Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2582RHAT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2582RHAT
Description  High Performance, Wideband PLLatinum RF Synthesizer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2582RHAT Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMX2582RHAT Datasheet HTML 4Page - Texas Instruments LMX2582RHAT Datasheet HTML 5Page - Texas Instruments LMX2582RHAT Datasheet HTML 6Page - Texas Instruments LMX2582RHAT Datasheet HTML 7Page - Texas Instruments LMX2582RHAT Datasheet HTML 8Page - Texas Instruments LMX2582RHAT Datasheet HTML 9Page - Texas Instruments LMX2582RHAT Datasheet HTML 10Page - Texas Instruments LMX2582RHAT Datasheet HTML 11Page - Texas Instruments LMX2582RHAT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
LSB
MSB
ttCSt
ttCHt
tCES
ttCWLt
ttCWHt
ttESt
tEWH
DATA
CLK
LE
LMX2582
SNAS680A – DECEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
Figure 1. Serial Data Input Timing Diagram
There are several considerations for programming:
A slew rate of at least 30 V/µs is recommended for the CLK, DATA, LE
The DATA is clocked into a shift register on each rising edge of the CLK signal. On the rising edge of the LE
signal, the data is sent from the shift registers to an actual counter
The LE pin may be held high after programming and clock pulses will be ignored
The CLK signal should not be high when LE transitions to low
When CLK and DATA lines are shared between devices, it is recommended to divide down the voltage to the
CLK, DATA and LE pins closer to the minimum voltage. This provides better noise immunity
If the CLK and DATA lines are toggled while the VCO is in lock, as is sometimes the case when these lines
are shared with other parts, the phase noise may be degraded during the time of this programming
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMX2582


Similar Part No. - LMX2582RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2581 TI1-LMX2581 Datasheet
883Kb / 30P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581 TI-LMX2581 Datasheet
862Kb / 35P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581 TI1-LMX2581 Datasheet
1Mb / 56P
[Old version datasheet]   LMX2581 Wideband Frequency Synthesizer with Integrated VCO
LMX2581E TI1-LMX2581E Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
LMX2581ESQE TI1-LMX2581ESQE Datasheet
1Mb / 55P
[Old version datasheet]   Wideband Frequency Synthesizer
More results

Similar Description - LMX2582RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2592 TI1-LMX2592 Datasheet
1Mb / 40P
[Old version datasheet]   High Performance, Wideband PLLatinum RF Synthesizer
LMX2571 TI1-LMX2571 Datasheet
2Mb / 61P
[Old version datasheet]   Low-Power, High-Performance PLLatinum RF Synthesizer
LMX2571 TI1-LMX2571_16 Datasheet
2Mb / 62P
[Old version datasheet]   LMX2571 Low-Power, High-Performance PLLatinum??RF Synthesizer
LMX2571 TI-LMX2571_15 Datasheet
2Mb / 61P
[Old version datasheet]   LMX2571 Low-Power, High-Performance PLLatinum??RF Synthesizer with FSKModulation
LMX2694-EP TI-LMX2694-EP_V01 Datasheet
1Mb / 83P
[Old version datasheet]   LMX2694-EP 15-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization
LMX2694-EP TI1-LMX2694-EP Datasheet
1Mb / 80P
[Old version datasheet]   LMX2694-EP 15-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
[Old version datasheet]   15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2595 TI1-LMX2595 Datasheet
1Mb / 70P
[Old version datasheet]   19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820_V02 Datasheet
3Mb / 43P
[Old version datasheet]   LMX2820 22.6-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com