Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2486SQX Datasheet(PDF) 10 Page - Texas Instruments

Part # LMX2486SQX
Description  Low-Power Dual PLLatinum Frequency Synthesizers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2486SQX Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMX2486SQX Datasheet HTML 6Page - Texas Instruments LMX2486SQX Datasheet HTML 7Page - Texas Instruments LMX2486SQX Datasheet HTML 8Page - Texas Instruments LMX2486SQX Datasheet HTML 9Page - Texas Instruments LMX2486SQX Datasheet HTML 10Page - Texas Instruments LMX2486SQX Datasheet HTML 11Page - Texas Instruments LMX2486SQX Datasheet HTML 12Page - Texas Instruments LMX2486SQX Datasheet HTML 13Page - Texas Instruments LMX2486SQX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Start 1.0 GHz
Stop 5.0 GHz
Marker 2:
2.0 GHz
Marker 4:
4.5 GHz
Marker 4:
4.0 GHz
Marker 3:
3.0 GHz
3
Marker 1:
1.0 GHz
1
2
5
4
LMX2486
SNAS324B – JANUARY 2006 – REVISED JANUARY 2016
www.ti.com
6.7.2 FinRF Input Impedance
Typical characteristics do not imply any sort of ensured specification. Ensured specifications are in the Electrical
Characteristics section.
Figure 10. FinRF Input Impedance
Table 1. RF PLL Input Impedance
FREQUENCY (MHz)
REAL (
Ω)
IMAGINARY (
Ω)
1000
192
–221
1100
172
–218
1200
154
–209
1300
139
–200
1400
127
–192
1500
114
–184
1600
104
–175
1700
96
–168
1800
88
–160
1900
80
–153
2000
74
–147
2200
64
–134
2400
56
–123
2600
50
–113
2800
45
–103
3000
39
–94
3200
37
–86
3400
33
–78
3600
30
–72
3800
28
–69
4000
26
–66
4250
24
–63
4500
23
–60
4750
22
–57
5000
20
–54
10
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: LMX2486


Similar Part No. - LMX2486SQX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2486 NSC-LMX2486 Datasheet
870Kb / 37P
   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2486 TI1-LMX2486 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2486 TI1-LMX2486_14 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
More results

Similar Description - LMX2486SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2485Q-Q1 TI1-LMX2485Q-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Low Power Dual PLLatinum Frequency Synthesizers
LMX2487 TI1-LMX2487 Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487E TI1-LMX2487E Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
logo
Analog Devices
ADF4217L AD-ADF4217L Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4218L AD-ADF4218L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4217L AD-ADF4217L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4219L AD-ADF4219L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
logo
National Semiconductor ...
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com