Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2486SQX Datasheet(PDF) 6 Page - Texas Instruments

Part # LMX2486SQX
Description  Low-Power Dual PLLatinum Frequency Synthesizers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2486SQX Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMX2486SQX Datasheet HTML 2Page - Texas Instruments LMX2486SQX Datasheet HTML 3Page - Texas Instruments LMX2486SQX Datasheet HTML 4Page - Texas Instruments LMX2486SQX Datasheet HTML 5Page - Texas Instruments LMX2486SQX Datasheet HTML 6Page - Texas Instruments LMX2486SQX Datasheet HTML 7Page - Texas Instruments LMX2486SQX Datasheet HTML 8Page - Texas Instruments LMX2486SQX Datasheet HTML 9Page - Texas Instruments LMX2486SQX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
LMX2486
SNAS324B – JANUARY 2006 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics (continued)
(VCC = 3.0V; -40°C ≤ TA ≤ +85°C unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IF SYNTHESIZER PARAMETERS
IF_P = 8
250
2000
fFinIF
Operating frequency
MHz
IF_P = 16
250
3000
pFinIF
IF input sensitivity
–10
5
dBm
fCOMP
Phase detector frequency
10
MHz
ICPoutIFSRCE
IF charge pump source current VCPoutIF = VCC/2
3.5
mA
ICPoutIFSINK
IF charge pump sink current
VCPoutIF = VCC/2
–3.5
mA
IF charge pump TRI-STATE
ICPoutIFTRI
0.5
≤ VCPoutIF ≤ VCC RF – 0.5
2
10
nA
current magnitude
Magnitude of IF CP sink vs CP VCPoutIF = VCC/2
| ICPoutIF%MIS |
1%
8%
source mismatch
TA = 25°C
Magnitude of IF CP current vs
0.5
≤ VCPoutIF ≤ VCC – 0.5
| ICPoutIF%V |
4%
10%
CP voltage
TA = 25°C
Magnitude of IF CP current vs
| ICPoutIF%TEMP|
VCPoutIF = VCC/2
4%
temperature
OSCILLATOR PARAMETERS
OSC2X = 0
5
110
MHz
fOSCin
Oscillator operating frequency
OSC2X = 1
5
20
MHz
vOSCin
Oscillator input sensitivity
0.5
VCC
VP-P
IOSCin
Oscillator input current
–100
100
µA
SPURS
Spurs in band
See (3)
–55
dBc
PHASE NOISE
RF_CPG = 0
–202
RF_CPG = 1
–204
RF synthesizer normalized
LF1HzRF
RF_CPG = 3
–206
dBc/Hz
phase noise contribution(4)
RF_CPG = 7
–210
RF_CPG = 15
–210
IF synthesizer normalized
LF1HzIF
–209
dBc/Hz
phase noise contribution
DIGITAL INTERFACE (DATA, CLK, LE, ENOSC, CE, Ftest/LD, FLoutRF)
VIH
High-level input voltage
1.6
VCC
V
VIL
Low-level input voltage
0.4
V
IIH
High-level input current
VIH = VCC
–1
1
µA
IIL
Low-level input current
VIL = 0 V
–1
1
µA
VOH
High-level output voltage
IOH = –500 µA
VCC – 0.4
V
VOL
Low-level output voltage
IOL = 500 µA
0.4
V
(3)
To measure the in-band spur, the fractional word is chosen such that when reduced to lowest terms, the fractional numerator is one.
The spur offset frequency is chosen to be the comparison frequency divided by the reduced fractional denominator. The loop bandwidth
must be sufficiently wide to negate the impact of the loop filter. Measurement conditions are: Spur Offset Frequency = 10 kHz, Loop
Bandwidth = 100 kHz, Fraction = ½000, VCO Frequency = 3 GHz, Comparison Frequency = 20 MHz, RF_CPG = 7, DITH = 0, and a 4th
Order Modulator (FM = 0). These are relatively consistent over tuning range.
(4)
Normalized Phase Noise Contribution is defined as: LN(f) = L(f) – 20log(N) – 10log(fCOMP) where L(f) is defined as the single side band
phase noise measured at an offset frequency, f, in a 1 Hz Bandwidth. The offset frequency, f, must be chosen sufficiently smaller than
the PLL loop bandwidth, yet large enough to avoid substantial phase noise contribution from the reference source. Measurement
conditions are: Offset Frequency = 11 kHz, Loop Bandwidth = 100 kHz for RF_CPG = 7, Fraction = ½000, VCO Frequency = 3 GHz,
Comparison Frequency = 20 MHz, FM = 0, and DITH = 0.
6
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: LMX2486


Similar Part No. - LMX2486SQX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2486 NSC-LMX2486 Datasheet
870Kb / 37P
   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2486 TI1-LMX2486 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2486 TI1-LMX2486_14 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
More results

Similar Description - LMX2486SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2485Q-Q1 TI1-LMX2485Q-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Low Power Dual PLLatinum Frequency Synthesizers
LMX2487 TI1-LMX2487 Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487E TI1-LMX2487E Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
logo
Analog Devices
ADF4217L AD-ADF4217L Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4218L AD-ADF4218L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4217L AD-ADF4217L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4219L AD-ADF4219L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
logo
National Semiconductor ...
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com