Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2485ESQ Datasheet(PDF) 7 Page - Texas Instruments

Part # LMX2485ESQ
Description  3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2485ESQ Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMX2485ESQ Datasheet HTML 3Page - Texas Instruments LMX2485ESQ Datasheet HTML 4Page - Texas Instruments LMX2485ESQ Datasheet HTML 5Page - Texas Instruments LMX2485ESQ Datasheet HTML 6Page - Texas Instruments LMX2485ESQ Datasheet HTML 7Page - Texas Instruments LMX2485ESQ Datasheet HTML 8Page - Texas Instruments LMX2485ESQ Datasheet HTML 9Page - Texas Instruments LMX2485ESQ Datasheet HTML 10Page - Texas Instruments LMX2485ESQ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
0
4000
fFinRF (MHz)
20
10
0
-10
-20
-30
-40
-50
3000
2000
1000
VCC = 2.5V, 3.0V and 3.6V
VCC = 2.5V
VCC = 3.6V
VCC = 3.0V
0
4000
fFinRF (MHz)
20
10
0
-10
-20
-30
-40
-50
3000
2000
1000
TA = 25
oC, and 85oC
TA = -40
oC
TA = 85
oC
TA = 25
oC
TA = -40
oC
tCS
D19
D18
D17
D16
tCH
tCWH
tCWL
D15
D0
C3
C2
C1
C0
MSB
LSB
DATA
CLK
LE
tES
tEW
LMX2485, LMX2485E
www.ti.com
SNAS236G – OCTOBER 2005 – REVISED JANUARY 2016
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
MICROWIRE INTERFACE TIMING
tCS
Data to clock set-up time
See Figure 1
25
ns
tCH
Data to clock hold time
See Figure 1
8
ns
tCWH
Clock pulse width high
See Figure 1
25
ns
tCWL
Clock pulse width low
See Figure 1
25
ns
tES
Clock to load enable set-up time
See Figure 1
25
ns
tEW
Load enable pulse width
See Figure 1
25
ns
Figure 1. Microwire Input Timing Diagram
6.7 Typical Characteristics
Typical characteristics do not imply any sort of ensured specification. Ensured specifications are in the Electrical
Characteristics section.
6.7.1 Sensitivity
TA = 25°C, RF_P = 16
VCC = 3 V, RF_P = 16
Figure 2. RF PLL Fin Sensitivity
Figure 3. RF PLL Fin Sensitivity
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMX2485 LMX2485E


Similar Part No. - LMX2485ESQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2485ESQ NSC-LMX2485ESQ Datasheet
868Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485ESQ NSC-LMX2485ESQ Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485ESQ NSC-LMX2485ESQ Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
LMX2485ESQX NSC-LMX2485ESQX Datasheet
868Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485ESQX NSC-LMX2485ESQX Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
More results

Similar Description - LMX2485ESQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2487 NSC-LMX2487 Datasheet
862Kb / 37P
   3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2486 TI1-LMX2486_14 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
National Semiconductor ...
LMX2487 NSC-LMX2487_08 Datasheet
729Kb / 40P
   1.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX2486 NSC-LMX2486 Datasheet
870Kb / 37P
   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
LMX2485 NSC-LMX2485 Datasheet
868Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
Texas Instruments
LMX2485 TI1-LMX2485_14 Datasheet
1Mb / 43P
[Old version datasheet]   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
Asahi Kasei Microsystem...
AK1543 AKM-AK1543 Datasheet
840Kb / 35P
   1300MHz Delta-Sigma FractionalSigma -N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com