Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK04816 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMK04816
Description  Three Input Low-Noise Clock Jitter Cleaner
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK04816 Datasheet(HTML) 5 Page - Texas Instruments

  LMK04816_16 Datasheet HTML 1Page - Texas Instruments LMK04816_16 Datasheet HTML 2Page - Texas Instruments LMK04816_16 Datasheet HTML 3Page - Texas Instruments LMK04816_16 Datasheet HTML 4Page - Texas Instruments LMK04816_16 Datasheet HTML 5Page - Texas Instruments LMK04816_16 Datasheet HTML 6Page - Texas Instruments LMK04816_16 Datasheet HTML 7Page - Texas Instruments LMK04816_16 Datasheet HTML 8Page - Texas Instruments LMK04816_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 129 page
background image
LMK04816
www.ti.com
SNAS597C – JULY 2012 – REVISED JANUARY 2016
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2) (3).
MIN
MAX
UNIT
VCC
Supply voltage (4)
–0.3
3.6
V
VIN
Input voltage
–0.3
(VCC + 0.3)
V
TL
Lead temperature (solder 4 seconds)
260
°C
TJ
Junction temperature
150
°C
Differential input current (CLKinX/X*,
IIN
±5
mA
OSCin/OSCin*, FBCLKin/FBCLKin*, Fin/Fin*)
MSL
Moisture sensitivity level
3
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
This device is a high performance RF integrated circuit with an ESD rating up to 2-kV Human Body Model, up to 150-V Machine Model,
and up to 750-V Charged Device Model and is ESD sensitive. Handling and assembly of this device must only be done at ESD-free
workstations.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
Never to exceed 3.6 V.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Charged-device model (CDM), per JEDEC specification JESD22-
V(ESD)
Electrostatic discharge
±750
V
C101(2)
Machine model (MM)
±150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±2000 V may actually have higher performance.
Manufacturing with less than 500-V HBM is possible with the necessary precautions. Pins listed as ±2000 V may actually have higher
performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary recautions. Pins listed as ±750 V may actually have higher performance.
Manufacturing with less than 250-V CDM is possible with the necessary precautions. Pins listed as ±750 V may actually have higher
performance.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
TJ
Junction temperature
125
°C
TA
Ambient temperature
VCC = 3.3 V
–40
25
85
°C
VCC
Supply voltage
3.15
3.3
3.45
V
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMK04816


Similar Part No. - LMK04816_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04816 TI1-LMK04816_14 Datasheet
2Mb / 77P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results

Similar Description - LMK04816_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
LMK04816BISQE TI-LMK04816BISQE Datasheet
1Mb / 123P
[Old version datasheet]   LMK04816 Three Input Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04906 TI1-LMK04906_15 Datasheet
1Mb / 113P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
logo
National Semiconductor ...
LMK04000 NSC-LMK04000 Datasheet
1Mb / 54P
   Low-Noise Clock Jitter Cleaner with Cascaded PLLs
logo
Texas Instruments
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
LMK04000 TI1-LMK04000_14 Datasheet
1Mb / 66P
[Old version datasheet]   Family Low-Noise Clock Jitter Cleaner with Cascaded PLLs
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com