Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSM80100M Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DSM80100M
Description  PNP TRANSISTOR WITH DUAL SERIES SWITCHING DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSM80100M Datasheet(HTML) 3 Page - Diodes Incorporated

  DSM80100M Datasheet HTML 1Page - Diodes Incorporated DSM80100M Datasheet HTML 2Page - Diodes Incorporated DSM80100M Datasheet HTML 3Page - Diodes Incorporated DSM80100M Datasheet HTML 4Page - Diodes Incorporated DSM80100M Datasheet HTML 5Page - Diodes Incorporated DSM80100M Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DSM80100M
Document number: DS37319 Rev. 2 - 2
3 of 6
www.diodes.com
November 2014
© Diodes Incorporated
DSM80100M
0
100
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
-50
200
300
400
500
600
700
800
R
= 208°C/W
(Note 5)
JA
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 2 Typical DC Current Gain vs. Collector Current
C
100
1,000
10
T =
A
-55 C
°
T = 8
A
5C
°
T =
A
150 C
°
T =
A
25 C
°
V
= V
CE
5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
2
4
6
8
10
V
, COLLECTOR-EMITTER VOLTAGE (V)
Fig. 3 Typical Collector Current vs. Collector-Emitter Voltage
CE
I = 1mA
B
I = 0.1mA
B
I = 2mA
B
I = 3mA
B
I = 4mA
B
I = 5mA
B
I = 8mA
B
0.1
1
10
100
1,000
0.01
0.1
1
-I , COLLECTOR CURRENT (mA)
C
Fig. 4 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
I /I = 10
CB
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 150°C
A
0
0.1
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 5 Typical Base Emitter Voltage vs. Collector Current
C
1,000
0.2
0.4
0.6
0.8
1.0
1.2
V
= V
CE
5
T = 150°C
A
T = 25°C
A
T =
5°C
A
-5
T = 5°C
A
8
10
100
1,000
10,000
100,000
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
Fig. 6 Collector Cutoff Current
vs. Ambient Temperature
A
V
= 100V
I = 0
CB
E


Similar Part No. - DSM80100M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSM80101M DIODES-DSM80101M Datasheet
424Kb / 6P
   NPN TRANSISTOR WITH DUAL SERIES SWITCHING DIODE
DSM80101M-7 DIODES-DSM80101M-7 Datasheet
424Kb / 6P
   NPN TRANSISTOR WITH DUAL SERIES SWITCHING DIODE
More results

Similar Description - DSM80100M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSM80100MT1G ONSEMI-NSM80100MT1G Datasheet
117Kb / 6P
   PNP Transistor with Dual Series Switching Diode
December, 2013 ??Rev. 3
logo
Diodes Incorporated
DSM80101M DIODES-DSM80101M Datasheet
424Kb / 6P
   NPN TRANSISTOR WITH DUAL SERIES SWITCHING DIODE
logo
ON Semiconductor
NSM80101MT1G ONSEMI-NSM80101MT1G Datasheet
117Kb / 6P
   NPN Transistor with Dual Series Switching Diode
December, 2013 ??Rev. 3
logo
Pan Jit International I...
MMDT3906TB6 PANJIT-MMDT3906TB6 Datasheet
135Kb / 4P
   DUAL PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMDT2907A PANJIT-MMDT2907A Datasheet
106Kb / 5P
   DUAL PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMDT4403 PANJIT-MMDT4403 Datasheet
121Kb / 3P
   DUAL PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMDT3906 PANJIT-MMDT3906_06 Datasheet
153Kb / 4P
   DUAL PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMDT4403TB6 PANJIT-MMDT4403TB6 Datasheet
123Kb / 3P
   DUAL PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
ON Semiconductor
BAV199L ONSEMI-BAV199L Datasheet
85Kb / 4P
   Dual Series Switching Diode
October, 2016 ??Rev. 10
logo
Galaxy Semi-Conductor H...
BAV99 BILIN-BAV99_15 Datasheet
163Kb / 3P
   Dual series switching diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com