Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1120 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI1120
Description  PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1120 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI1120 Datasheet HTML 5Page - Silicon Laboratories SI1120 Datasheet HTML 6Page - Silicon Laboratories SI1120 Datasheet HTML 7Page - Silicon Laboratories SI1120 Datasheet HTML 8Page - Silicon Laboratories SI1120 Datasheet HTML 9Page - Silicon Laboratories SI1120 Datasheet HTML 10Page - Silicon Laboratories SI1120 Datasheet HTML 11Page - Silicon Laboratories SI1120 Datasheet HTML 12Page - Silicon Laboratories SI1120 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Si1120
Rev. 1.0
9
Figure 5. PRX400 Mode 0
Figure 6. PRX50 Mode 2
0
5
10
15
20
25
30
35
40
0
200
400
600
800
1000
1200
1400
1600
1800
2000
PRX Pulse Width (us)
47%, Hand, 1 Lux
47%, Hand, 300 Lux Fluorescent
47%, Hand, 300 Lux Incandescent
18% Gray Card, 1 Lux
92% White Card, 1 Lux
0
5
10
15
20
25
0
50
100
150
200
250
300
PRX Pulse Width (us)
47%, Hand, 1 Lux
47%, Hand, 300 Lux Fluorescent
47%, Hand, 300 Lux Incandescent
18% Gray Card, 1 Lux
92% White Card, 1 Lux


Similar Part No. - SI1120

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1120 SILABS-SI1120 Datasheet
1Mb / 22P
   DESIGNERS GUIDE
Si1120-A-GM SILABS-Si1120-A-GM Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Silicon Laboratories
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
SI1120 SILABS-SI1120_10 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
More results

Similar Description - SI1120

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1120 SILABS-SI1120_10 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
   Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com