Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZR32LG330 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # EZR32LG330
Description  Building and home automation
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EZR32LG330 Datasheet(HTML) 4 Page - Silicon Laboratories

  EZR32LG330 Datasheet HTML 1Page - Silicon Laboratories EZR32LG330 Datasheet HTML 2Page - Silicon Laboratories EZR32LG330 Datasheet HTML 3Page - Silicon Laboratories EZR32LG330 Datasheet HTML 4Page - Silicon Laboratories EZR32LG330 Datasheet HTML 5Page - Silicon Laboratories EZR32LG330 Datasheet HTML 6Page - Silicon Laboratories EZR32LG330 Datasheet HTML 7Page - Silicon Laboratories EZR32LG330 Datasheet HTML 8Page - Silicon Laboratories EZR32LG330 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
3. System Overview
3.1 Introduction
The EZR32LG330 Wireless MCUs are the latest in Silicon Labs family of wireless MCUs delivering a high performance, low energy
wireless solution integrated into a small form factor package. By combining a high performance sub-GHz RF transceiver with an energy
efficient 32-bit ARM Cortex-M3, the EZR32LG family provides designers with the ultimate in flexibility with a family of pin-compatible
parts that scale from 64 to 256 kB of flash and support Silicon Labs EZRadio or EZRadioPRO transceivers. The ultra-low power operat-
ing modes and fast wake-up times combined with the low transmit and receive power consumption of the sub-GHz radio result in a
solution optimized for low power and battery powered applications. For a complete feature set and in-depth information on the modules,
the reader is referred to the EZR32LG Reference Manual.
The EZR32LG330 block diagram is shown below.
Figure 3.1. Block Diagram
3.1.1 ARM Cortex-M3 Core
The ARM Cortex-M3 includes a 32-bit RISC processor which can achieve as much as 1.25 Dhrystone MIPS/MHz. A Memory Protection
Unit with support for up to 8 memory segments is included, as well as a Wake-up Interrupt Controller handling interrupts triggered while
the CPU is asleep. The EZR32 implementation of the Cortex-M3 is described in detail in EZR32 Cortex-M3 Reference Manual.
3.1.2 Debugging
These devices include hardware debug support through a 2-pin serial-wire debug interface and an Embedded Trace Module (ETM) for
data/instruction tracing. In addition there is also a 1-wire Serial Wire Viewer pin which can be used to output profiling information, data
trace and software-generated messages.
3.1.3 Memory System Controller (MSC)
The Memory System Controller (MSC) is the program memory unit of the EZR32LG microcontroller. The flash memory is readable and
writable from both the Cortex-M3 and DMA. The flash memory is divided into two blocks: the main block and the information block.
Program code is normally written to the main block. Additionally, the information block is available for special user data and flash lock
bits. There is also a read-only page in the information block containing system and device calibration data. Read and write operations
are supported in the energy modes EM0 and EM1.
EZR32LG330 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.1 | 3


Similar Part No. - EZR32LG330

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EZR32LG330F128R55G-B0 SILABS-EZR32LG330F128R55G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32LG330F128R55G-B0R SILABS-EZR32LG330F128R55G-B0R Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32LG330F128R60G-B0 SILABS-EZR32LG330F128R60G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32LG330F128R60G-B0R SILABS-EZR32LG330F128R60G-B0R Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32LG330F128R61G-B0 SILABS-EZR32LG330F128R61G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
More results

Similar Description - EZR32LG330

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EZR32WG230 SILABS-EZR32WG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32WG330 SILABS-EZR32WG330 Datasheet
1Mb / 87P
   Building and home automation
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
   Home and Building Automation
EZR32LG230 SILABS-EZR32LG230 Datasheet
1Mb / 87P
   Building and home automation
EFR32MG1 SILABS-EFR32MG1 Datasheet
1Mb / 94P
   Home and Building Automation and Security
logo
Maxim Integrated Produc...
MAXREFDES130 MAXIM-MAXREFDES130 Datasheet
310Kb / 8P
   Building Automation Shield
logo
List of Unclassifed Man...
INMBSBAC1000000 ETC-INMBSBAC1000000 Datasheet
33Mb / 40P
   Gateway solutions for building and home integration
Version 1.0/2022
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
   HOME AUTOMATION MODEM
June 1995
logo
NXP Semiconductors
1648290 NXP-1648290 Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com