Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

28-516-11S Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part No. 28-516-11S
Description  Zero-Insertion-Force Socket
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ARIES [Aries Electronics, Inc.]
Homepage  http://www.arieselec.com
Logo 

28-516-11S Datasheet(HTML) 1 Page - Aries Electronics, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road Bristol, PA 19007-6810 USA
TEL 215-781-9956 FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
10017
Rev. 1.2
1 of 1
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
FOR SERIES 526 LO-PRO®FILE ZIF SOCKET, SEE DATA SHEET 10018
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
FEATURES
• Choiceof24-,28-,or40-pinCountDevicesInsertedwithoutBendingorDamagingDeviceLegs
• InsertandRemoveComponentsfromSocketwithoutForce
• ContactsNormally-openandClosedbyUniqueCamActionControlledbyDualLeverArms
• Last15°ofCamMovementprovidesWipingActionoftheDeviceLegsRemovinganyResidue,
EnsuringGas-tightSeal
• TaperedEntryGuidesDeviceLegsintoMatingSocketContacts
GENERAL SPECIFICATIONS
BODY, HANDLE, CAM:blackUL94V-0glass-filled4/6Nylon
PINS:BeCu170or172,1/2-hard
PIN PLATING:10μ[0.254μ]min.AuperMIL-G-45204over50μ[1.27μ]min.NiperSAEAMS-QQ-
N-290
CONTACT CURRENT RATING:1amp
OPERATING TEMPERATURE:257°F[125°C]
MINIMUM RETENTION FORCE (when closed):15g/lead,basedona0.008[0.20]thicktestlead
ACCEPTS LEADS:from0.075to0.250[1.91to6.35]
MOUNTING CONSIDERATIONS
SUGGESTED PCB HOLE SIZE:0.035±0.002[0.89±0.05]dia.
Series 516
Zero-Insertion-Force Socket
Standard Lever Arm
Short Lever Arm
Midget Lever Arm
No. of Pins
Dim. “C”
Dim. “D”
Dim. “E”
Dim. “D”
Dim. “E”
Dim. “D”
Dim. “E”
24
0.785 [19.94]
0.76[19.30]
0.630[16.00]
0.60 [15.24]
0.520[13.21]
0.41 [10.41]
0.42 [10.67]
28
0.785 [19.94]
0.76[19.30]
0.630[16.00]
0.60 [15.24]
0.520[13.21]
0.41 [10.41]
0.42 [10.67]
40
0.780 [19.81]
0.76[19.30]
0.630[16.00]
0.60 [15.24]
0.520[13.21]
0.41 [10.41]
0.42 [10.67]
ORDERING INFORMATION
XX-516-11 X
Optional Lever Arm
S=Short
M=Midget
Plating
11=AuoverNi
Series
Pins
24, 28, 40


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn