Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1001 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # TS1001
Description  SUB-1 V CURRENT SENSING
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1001 Datasheet(HTML) 1 Page - Silicon Laboratories

  TS1001 Datasheet HTML 1Page - Silicon Laboratories TS1001 Datasheet HTML 2Page - Silicon Laboratories TS1001 Datasheet HTML 3Page - Silicon Laboratories TS1001 Datasheet HTML 4Page - Silicon Laboratories TS1001 Datasheet HTML 5Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. 1.1 1/15
Copyright © 2015 by Silicon Laboratories
AN833
AN833
S UB-1 V C URRENT S ENSING WITH THE TS1001,
A
0 . 8V, 0 . 6µA OP-A MP
1. Introduction
Current-sense amplifiers can monitor battery or solar cell currents, and are useful to estimate power capacity and
remaining life. However, if the battery or solar source is a single cell, it’s difficult to find a low voltage solution that
works below 1V and draws just microamps. A new class of nanopower analog ICs, namely the TS1001 0.8 V/
0.6 µA op amp, makes a sub-1 V supply current sense amplifier shown in Figure 1 possible. This discrete circuit
operates from as low as 0.8 V and draws 860 nA at no load while providing a 0–500 mV output for measured
currents of 0–100 mA, though the scale can be adjusted by changing the values of a few resistors. With its
extremely low power, the circuit can simply remain “always on,” providing a continuously monitored, averaged
indication of current which can subsequently be read periodically by a microcontroller, without causing too much
current drain in the battery.
2. Overview
The circuit can be used to estimate the impedance of a small coin-cell type alkaline battery to determine its
condition, its ability to source power, and estimate its remaining life. Measuring the battery voltage (without
knowing the load) generally provides only a crude estimate, and performing “pulse tests” as recommended by
some battery manufacturers can be disruptive to the circuit the battery is powering.
Figure 1. Low Voltage Current Sense Amplifier Utilizing Nanopower Op-Amp and Low-Threshold
P-Channel MOSFET
The TS1001 is configured to servo P-channel MOSFET Q1 in a current source configuration, drawing current
through R1 to compensate for the voltage drop across R2 caused by the current flow from IN to the load. R3
converts Q1’s drain current to a voltage and C1 provides filtering. The filtering is critical in allowing the current
sense amplifier to continuously provide an averaged current output, enabling the microcontroller to sleep for long
periods and save power, waking only periodically to read this mean current level.


Similar Part No. - TS1001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Touchstone Semiconducto...
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
TS1001IJ5 SILABS-TS1001IJ5 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
List of Unclassifed Man...
TS1001IJ5T ETC-TS1001IJ5T Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
More results

Similar Description - TS1001

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACST-01-08 ABRACON-ACST-01-08 Datasheet
282Kb / 1P
   CURRENT SENSING TRANSFORMER
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L Datasheet
196Kb / 1P
   Current Sensing Transformers
logo
Texas Instruments
LMP8601 TI1-LMP8601 Datasheet
1Mb / 42P
[Old version datasheet]   Current-Sensing Amplifiers
logo
XFMRS Inc.
XF0043-VTM370CS XFMRS-XF0043-VTM370CS Datasheet
37Kb / 1P
   CURRENT SENSING TRANSFORMER
logo
List of Unclassifed Man...
CSR04 ETC-CSR04 Datasheet
665Kb / 1P
   CURRENT SENSING RESISORS
logo
Allied Components Inter...
ACT-3722 ALLIED-ACT-3722 Datasheet
606Kb / 2P
   Current Sensing Toroid
logo
List of Unclassifed Man...
SV1A010M01 ETC-SV1A010M01 Datasheet
39Kb / 1P
   Current Sensing Relay
TCS2 ETC-TCS2 Datasheet
818Kb / 2P
   CURRENT SENSING RESISORS
logo
Abracon Corporation
ACST-11 ABRACON-ACST-11 Datasheet
314Kb / 1P
   CURRENT SENSING TRANSFORMER
logo
XFMRS Inc.
XF0021-CS4 XFMRS-XF0021-CS4 Datasheet
45Kb / 1P
   CURRENT SENSING TRANSFORMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com