![]() |
Electronic Components Datasheet Search |
|
AN614 Datasheet(PDF) 6 Page - Silicon Laboratories |
|
AN614 Datasheet(HTML) 6 Page - Silicon Laboratories |
6 / 10 page ![]() AN614 6 Rev. 0.2 3. Application Examples The electrocardiograph (ECG) application shown in Figure 6 requires safety isolation to protect the patient from dangerous leakage currents. Medical applications of this type typically use conductive gels at sensor sites, which lower human body impedance to the extent that a few milliamps of leakage current can cause injury or death. To mitigate this issue, ECGs typically have multiple stages of isolation to prevent downstream leakage current from flowing into the patient. The ECG of Figure 6 shows the patient connected to an instrumentation amplifier powered by a low-current floating supply, V1. The ISOlinear circuit (shown as a functional block in the center of the diagram) galvanically isolates the instrumentation amplifier input side from potential down-stream leakage currents generated by the voltage source, V2. The lower voltage, higher-current DSP circuit is also isolated from the ADC/ filter circuit by a separate Si86xx digital isolator, again to ensure no leakage current paths into the ECG inputs. Figure 6. ECG (Safety Isolation) Application V2 Filter(s) Si86xx Isolator Instrumentation Amplifier ADC To DSP Right Leg Driver V1 ISOlinear Reference Design FG FG V3 |
|