Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8244 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI8244
Description  PERFORMANCE IMPROVEMENTS IN CLASS D AUDIO AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8244 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI8244 Datasheet HTML 1Page - Silicon Laboratories SI8244 Datasheet HTML 2Page - Silicon Laboratories SI8244 Datasheet HTML 3Page - Silicon Laboratories SI8244 Datasheet HTML 4Page - Silicon Laboratories SI8244 Datasheet HTML 5Page - Silicon Laboratories SI8244 Datasheet HTML 6Page - Silicon Laboratories SI8244 Datasheet HTML 7Page - Silicon Laboratories SI8244 Datasheet HTML 8Page - Silicon Laboratories SI8244 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AN542
2
Rev. 0.1
2. The Si8241 Audio Gate Driver
Every so often, a new IC is introduced that challenges the current technological hegemony. With features that
make these products the perfect drivers for Class D amplification, the Silicon Labs Si8241/44 Audio Gate Drivers
represent a new standard for the Class D amplifier industry. Key features are outlined in the following sections.
2.1. Programmable Dead Time
It is well documented that a precise dead time setting is critical in Class D amplifiers. During dead time, both the
high-side and low-side MOSFETs are off. However, the low-side MOSFET body diode continues to conduct
current, which manifests itself as output distortion. Too short a dead time causes shoot-through current that
reduces system efficiency; too long a dead time increases THD, negatively impacting audio quality. While
competing audio drivers typically have coarse, digital dead-time settings (i.e. 1 of n delay values), the Si8241/44
Audio Gate Drivers have a precise linear dead time setting that programs with a single external resistor. This
feature provides the resolution necessary to precisely set dead time for optimal system performance. The Audio
Gate Driver dead time equation is shown in Equation 1.
Equation 1. Audio Gate Driver Dead Time
Per Equation 1, the Silicon Labs Class D amplifier uses a 2 k
 resistor to generate 20 ns of dead time. Changing
this dead time value to 18 ns only requires changing the RDT to 1.8 k
 (connected from the dead-time pin (DT)
input to ground). This setting mechanism allows dead time to be incrementally increased or decreased in
nanosecond increments, instead of tens of nanoseconds like competitive products.
2.2. Input/Output Isolation
Implementing a two-state, Class D amplifier can be difficult due to input level shifting requirements, and most
available Class D drivers lack the capability to eliminate level shifting. Drivers that do eliminate level shifting have
other peculiarities making them less-than-ideal for Class D operation (example: driver output ground terminal
referenced to the –VBUS rail, requiring the input drive signal to be level-shifted). This is not the case with the
Si8241 Audio Gate Driver where the isolation (i.e. level shift function) is implemented internally and is transparent
to the user. The Si8241 Audio Gate Driver controlled by TTL input signal levels drives the outputs to ±VBUS, and
only a single TTL PWM input signal is required to drive a two-state Class D amplifier.
2.3. High-Voltage Outputs
The Si8241 is capable of switching very high voltages (up to a 1,500 Vdc peak driver-to-driver differential voltage is
possible) allowing a ±750 VBUS. For practical Class D amplifier designs, a voltage of ±100 Vdc can deliver an
astounding 600 W of audio power into 8
.
2.4. Output Current Drive
Class D amplifier switching MOSFETs should not be "slammed" on and off by excessively high current gate drivers.
With its 0.5 A peak current outputs, the Si8241 Audio Gate Driver hits the sweet spot for Class D operation up to
400 W. Power levels beyond 400 W typically require larger MOSFETs and, consequently, more gate drive. For
applications of this type, the Si8244 (4A) Audio Gate Driver provides the required added gate drive, where rise and
fall times can be adjusted with a series gate resistor.
2.5. High-Frequency Operation
One of the best attributes of the Si8241 Audio Gate Driver is its 8 MHz maximum switching frequency, making it the
fastest driver on the market for Class D operation. The Silicon Labs Class D reference design operates at
approximately 500 kHz, and operating the amplifier between 500 kHz and 1 MHz dramatically reduces the high-
frequency artifacts, resulting in a remarkably clean audio waveform.
DT
10R
DT
where Dead Time (DT) is in ns and R
DT is in k
=


Similar Part No. - SI8244

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8244 SILABS-Si8244 Datasheet
423Kb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
Skyworks Solutions Inc.
SI8244 SKYWORKS-SI8244 Datasheet
2Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
logo
Silicon Laboratories
Si8244BB-C-IS1 SILABS-Si8244BB-C-IS1 Datasheet
423Kb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Si8244CB-C-IS1 SILABS-Si8244CB-C-IS1 Datasheet
423Kb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
More results

Similar Description - SI8244

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
D2-81412 RENESAS-D2-81412 Datasheet
1Mb / 25P
   DAE-1 for Manufacturers of High-Performance Class-D Audio Amplifiers
May 18, 2016
logo
Maxim Integrated Produc...
MAX98355A MAXIM-MAX98355A_13 Datasheet
1Mb / 34P
   PCM Input Class D Audio Power Amplifiers
Rev 1; 8/13
MAX98357A MAXIM-MAX98357A Datasheet
2Mb / 38P
   PCM Input Class D Audio Power Amplifiers
Rev 2; 8/14
MAX98355A MAXIM-MAX98355A Datasheet
3Mb / 34P
   PCM Input Class D Audio Power Amplifiers
Rev 0; 5/12
logo
List of Unclassifed Man...
PAM8101 ETC1-PAM8101 Datasheet
100Kb / 4P
   Tiny 1.2 Watt Class-D Audio Amplifiers
PAM8402 ETC1-PAM8402 Datasheet
162Kb / 3P
   2 Watt Class-D Audio Amplifiers with Enable
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2134UA2K5 TI1-OPA2134UA2K5 Datasheet
1Mb / 20P
[Old version datasheet]   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 TI1-OPA134 Datasheet
415Kb / 22P
[Old version datasheet]   High Performance Audio Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com