Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ACT283F Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT283F
Description  4-Bit Binary Full Adder with Fast Carry
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT283F Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54ACT283F Datasheet HTML 1Page - National Semiconductor (TI) 54ACT283F Datasheet HTML 2Page - National Semiconductor (TI) 54ACT283F Datasheet HTML 3Page - National Semiconductor (TI) 54ACT283F Datasheet HTML 4Page - National Semiconductor (TI) 54ACT283F Datasheet HTML 5Page - National Semiconductor (TI) 54ACT283F Datasheet HTML 6Page - National Semiconductor (TI) 54ACT283F Datasheet HTML 7Page - National Semiconductor (TI) 54ACT283F Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Functional Description (Continued)
Note that as long as A
2 and B2 are the same, whether HIGH
or LOW, they do not influence S
2. Similarly, when A2 and B2
are the same the carry into the third stage does not influence
the carry out of the third stage.
Figure 4 shows a method of
implementing a 5-input encoder, where the inputs are
equally weighted. The outputs S
0,S1 and S2 present a bi-
nary number equal to the number of inputs I
1–I5 that are
true.
Figure 5 shows one method of implementing a 5-input
majority gate. When three or more of the inputs I
1–I5 are
true, the output M
5 is true.
C
0
A
0
A
1
A
2
A
3
B
0
B
1
B
2
B
3
S
0
S
1
S
2
S
3
C
4
Logic Levels
L
L
H
L
H
H
L
L
H
H
H
L
L
H
Active HIGH
00101100111001
Active LOW
11010011000110
Active HIGH:0+10+9 = 3 + 16
Active LOW:1+5+6 = 12+0
FIGURE 1. Active HIGH versus Active LOW Interpretation
DS100977-5
FIGURE 2. 3-Bit Adder
DS100977-6
FIGURE 3. 2-Bit and 1-Bit Adders
DS100977-7
FIGURE 4. 5-Input Encoder
DS100977-8
FIGURE 5. 5-Input Majority Gate
www.national.com
2


Similar Part No. - 54ACT283F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT240 NSC-54ACT240 Datasheet
138Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
54ACT240 TI1-54ACT240 Datasheet
188Kb / 10P
[Old version datasheet]   54AC240 54ACT240 Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Silicon Supplies
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
   Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
394Kb / 6P
   Advanced CMOS TTL Input
Rev 1.1 30/11/21
logo
Texas Instruments
54ACT240-N TI1-54ACT240-N Datasheet
188Kb / 10P
[Old version datasheet]   54AC240 54ACT240 Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54ACT283F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
   4-bit binary full adder with fast carry
December 1990
logo
Intersil Corporation
CD54AC283 INTERSIL-CD54AC283 Datasheet
9Kb / 1P
   4-Bit Binary Full Adder with Fast Carry
June 1997
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74AC283 RENESAS-HD74AC283 Datasheet
233Kb / 10P
   4-bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com