Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN491 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # AN491
Description  POWER SUPPLY REJECTION FOR LOW-JITTER CLOCKS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN491 Datasheet(HTML) 1 Page - Silicon Laboratories

  AN491 Datasheet HTML 1Page - Silicon Laboratories AN491 Datasheet HTML 2Page - Silicon Laboratories AN491 Datasheet HTML 3Page - Silicon Laboratories AN491 Datasheet HTML 4Page - Silicon Laboratories AN491 Datasheet HTML 5Page - Silicon Laboratories AN491 Datasheet HTML 6Page - Silicon Laboratories AN491 Datasheet HTML 7Page - Silicon Laboratories AN491 Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 0.2 4/13
Copyright © 2013 by Silicon Laboratories
AN491
AN491
P OWER S UPPLY R EJECTION FOR L OW-J ITTER C LOCKS
1. Introduction
Hardware designers are routinely challenged to increase functional density while shrinking the overall PCB
footprint of each new design. One significant challenge is minimizing clock jitter through careful board design while
meeting the design's functional and space requirements. Since jitter is a measure of signal fidelity, it requires an
understanding of diverse analog concepts, such as transmission line theory, interference, bandwidth, and noise, in
order to manage their impact on performance. Among these, density impacts sensitivity to external noise and
interference the most. Since noise and interference are everywhere and since multiple components share a
common power supply, the power supply is a direct path for noise and interference to impact the jitter performance
of each device. Therefore, achieving the lowest clocking jitter requires careful management of the power supply.
Sensitivity to power supply is commonly referred to as power supply ripple rejection or power supply rejection ratio
(PSRR). For jitter, ripple rejection is more appropriate.
2. Impact
The effect of power supply ripple on jitter is quite straightforward. Power supply influences the propagation delay by
affecting both the switching voltage threshold of logic gates as well as the output resistance. As the switching
voltage threshold is modulated, the time at which the output transitions is modulated because the input signal has
a finite slope as shown in Figure 1.
Figure 1. Changing Thresholds Due to Power Supply Noise
Varying output resistance affects the propagation delay of the CMOS gate through the parasitic RC filter. When
combined, these two effects change the propagation delay through the CMOS gate. The effect is amplified as more
gates are placed in series.
The degree of the impact is highly dependent on the "speed" of the transistors involved. By having a faster slope at
the CMOS gate input, the impact from a changing threshold can be minimized. In addition, faster circuits require
that capacitance be minimized in order to achieve small propagation delays; so, the delay variation due to supply
variations can be minimized by making the routing capacitance as small as possible. However, there are trade-offs;
the downside to faster circuits is power consumption. To make a faster edge, more current is required to charge the
capacitors given a constant voltage.
Modulated Switching Threshold
Propagation Delay
t
t
Output
Input
V
Jitter


Similar Part No. - AN491

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AN49 INTERSIL-AN49 Datasheet
155Kb / 2P
   Digital Audio Amplifier Gain Control using Logarithmic
AN49.0 INTERSIL-AN49.0 Datasheet
155Kb / 2P
   Digital Audio Amplifier Gain Control using Logarithmic
logo
STMicroelectronics
AN495 STMICROELECTRONICS-AN495 Datasheet
265Kb / 7P
   Effective filtering of TDE1707
logo
Silicon Laboratories
AN495 SILABS-AN495 Datasheet
113Kb / 22P
   INTERFACE SPECIFICATION
AN496 SILABS-AN496 Datasheet
170Kb / 36P
   HID USB-TO-SMBUS API SPECIFICATION
More results

Similar Description - AN491

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADP7159 AD-EVAL-ADP7159 Datasheet
288Kb / 9P
   Power supply rejection ratio
logo
Unisonic Technologies
LR1143G-XX-AF5-R UTC-LR1143G-XX-AF5-R Datasheet
165Kb / 4P
   High power supply rejection ratio
logo
Silicon Laboratories
SI5381 SILABS-SI5381 Datasheet
818Kb / 51P
   Multi-DSPLL Wireless Jitter Attenuating Clocks
logo
Shenzhen Huazhimei Semi...
HM6219 HMSEMI-HM6219 Datasheet
1Mb / 8P
   300mA high power supply rejection ratio low dropout linear regulator IC
logo
Asahi Kasei Microsystem...
AK8160B2 AKM-AK8160B2 Datasheet
338Kb / 16P
   Low Power & Low Jitter Clock Generator for PCI Express
AK8160BV2 AKM-AK8160BV2 Datasheet
351Kb / 16P
   Low Power & Low Jitter Clock Generator for PCI Express
logo
HuaXinAn Electronics CO...
AK8160BV HUAXINAN-AK8160BV Datasheet
345Kb / 16P
   Low Power & Low Jitter Clock Generator for PCI Express
logo
PETERMANN-TECHNIK
M6300 PETERMANN-M6300 Datasheet
120Kb / 2P
   FUNDAMENTAL TECHNIQUE FOR LOW JITTER
logo
Integrated Device Techn...
ICS932S431A IDT-ICS932S431A Datasheet
231Kb / 22P
   Low drift PCIe clocks for Non-Transparent Bridging
logo
Abracon Corporation
ABMJB-902 ABRACON-ABMJB-902 Datasheet
7Mb / 9P
   Low Power MEMS Jitter Attenuator
03.09.15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com