Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCP52-10 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCP52-10
Description  PNP Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCP52-10 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCP52-10 Datasheet HTML 1Page - Infineon Technologies AG BCP52-10 Datasheet HTML 2Page - Infineon Technologies AG BCP52-10 Datasheet HTML 3Page - Infineon Technologies AG BCP52-10 Datasheet HTML 4Page - Infineon Technologies AG BCP52-10 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BCP51...BCP53
4
Nov-29-2001
Transition frequency fT = f (IC)
VCE = 10V
10
EHP00260
BCP 51...53
03
10
mA
1
10
3
10
5
5
10
1
10
2
10
2
C
T
f
MHz
Ι
Total power dissipation Ptot = f(TS)
0
20
40
60
80
100
120 °C
150
TS
0
0.2
0.4
0.6
0.8
1
1.2
W
1.6
Collector cutoff current ICBO = f (TA)
VCB = 30V
0
10
EHP00262
BCP 51...53
A
T
150
-1
4
10
Ι
CBO
nA
50
100
0
10
1
10
3
10
C
102
max
typ
DC current gain hFE = f (IC)
VCE = 2V
10
EHP00261
BCP 51...53
04
10
mA
0
10
3
10
5
5
10
1
10
2
10
1
C
FE
h
Ι
3
10
2
10
C
100
5
25 C
-50 C


Similar Part No. - BCP52-10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP52-10 SIEMENS-BCP52-10 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
logo
NXP Semiconductors
BCP52-10 NXP-BCP52-10 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
logo
Micro Commercial Compon...
BCP52-10 MCC-BCP52-10 Datasheet
455Kb / 5P
   PNP Plastic-Encapsulate Transistors
logo
Nexperia B.V. All right...
BCP52-10 NEXPERIA-BCP52-10 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9 - 18 October 2011
BCP52-10 NEXPERIA-BCP52-10 Datasheet
247Kb / 12P
   60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
More results

Similar Description - BCP52-10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com