Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC850T Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BC850T
Description  NPN Silicon AF Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC850T Datasheet(HTML) 4 Page - Infineon Technologies AG

  BC850T Datasheet HTML 1Page - Infineon Technologies AG BC850T Datasheet HTML 2Page - Infineon Technologies AG BC850T Datasheet HTML 3Page - Infineon Technologies AG BC850T Datasheet HTML 4Page - Infineon Technologies AG BC850T Datasheet HTML 5Page - Infineon Technologies AG BC850T Datasheet HTML 6Page - Infineon Technologies AG BC850T Datasheet HTML 7Page - Infineon Technologies AG BC850T Datasheet HTML 8Page - Infineon Technologies AG BC850T Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BC846T...BC850T
4
Aug-01-2002
Electrical Characteristicsat TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Transition frequency
IC = 20 mA, VCE = 5 V, f = 100 MHz
fT
-
250
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
3
-
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
8
-
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz
hFE-group A
IC = 2 mA, VCE = 5 V, f = 1 kHz
hFE-group B
IC = 2 mA, VCE = 5 V, f = 1 kHz
hFE-group C
h11e
-
-
-
2.7
4.7
8.7
-
-
-
k

Open-circuit reverse voltage transf.ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
hFE-group A
IC = 2 mA, VCE = 5 V, f = 1 kHz
hFE-group B
IC = 2 mA, VCE = 5 V, f = 1 kHz
hFE-group C
h12e
-
-
-
1.5
2
3
-
-
-
10-4
Short-circuit forward current transf.ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
hFE-group A
IC = 2 mA, VCE = 5 V, f = 1 kHz
hFE-group B
IC = 2 mA, VCE = 5 V, f = 1 kHz
hFE-group C
h21e
-
-
-
200
330
600
-
-
-
-
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz
hFE-group A
IC = 2 mA, VCE = 5 V, f = 1 kHz
hFE-group B
IC = 2 mA, VCE = 5 V, f = 1 kHz
hFE-group C
h22e
-
-
-
18
30
60
-
-
-
S


Similar Part No. - BC850T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC850 PHILIPS-BC850 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 08
logo
Guangdong Kexin Industr...
BC850 KEXIN-BC850 Datasheet
40Kb / 2P
   NPN General Purpose Transistors
logo
Diotec Semiconductor
BC850 DIOTEC-BC850 Datasheet
144Kb / 2P
   SMD General Purpose NPN Transistors
logo
Fairchild Semiconductor
BC850 FAIRCHILD-BC850 Datasheet
68Kb / 3P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
BC850 SEMTECH_ELEC-BC850 Datasheet
225Kb / 3P
   NPN Silicon Epitaxial Transistor
More results

Similar Description - BC850T

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com