Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FHV03-08 Datasheet(PDF) 1 Page - Frontier Electronics.

Part No. FHV03-08
Description  FAST RECOVERY HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FRONTIER [Frontier Electronics.]
Homepage  http://www.frontierusa.com
Logo 

FHV03-08 Datasheet(HTML) 1 Page - Frontier Electronics.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FHV03-08 THRU FHV03-09 SPECIFICATIONS
Rev. A
Frontier Electronics Corp.®
http://frontierusa.com/
1
667 E. Cochran St., Simi Valley, CA 93065
Phone: 1-805-522-9998, Fax: 1-805-522-9989
1.
2. DESIGNED MICROWAVE OVEN AND AIR CLEANER
3. TYPICAL IR LESS THAN 1uA
4. CASE: HV03 TRANSFER MOLDED
5. DIMENSIONS IN INCHES AND (MILLIMETERS)
6. POLARITY: INDICATED BY CATHODE BAND
7. WEIGHT: 2.8 GRAMS
8. LEADS: SOLDERABILITY PER MIL-STD-202 METHOD 208
9. PULLING TEST: 2.3 KG
10. RoHS
FHV03-08
7500
5250
7500
13.5
FHV03-09
8500
5950
8500
14
1. REVERSE RECOVERY TIME TEST CONDITIONS, IF/ IRP = 100/100 (mA) 90% RECOVER
2. MAXIMUM FORWARD VOLTAGE @ Io
PART NUMBER
MAX RECURRENT PK
REV VOLTAGE VRRM (V)
MAX RMS VOLTAGE VRMS (V)
MAX DC BLOCKING
VOLTAGE VDC (V)
MAX FWD VOLTAGE VF
(V)
MAXIMUM REVERSE CURRENT @ 25°C, VDC
IR
10
uA
MAXIMUM REVERSE RECOVERY TIME (NOTE1)
TRR
150
nS
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT @ TL=55°C
IO
0.35
A
PEAK FWD SURGE CURRENT, 8.3ms HALF SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
15
A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25°C AMBIENT TEMPERATURE UNLESS OTHERWISE
SPECIFIED STORAGE AND OPERATING TEMPERATURE RANGE -55°C TO +120°C. SINGLE PHASE, HALF WAVE, 60 HZ,
RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%.
RATINGS
SYMBOL
VALUE
UNITS
FAST RECOVERY HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
PRODUCT FEATURES
FLAMMABILITY CLASSIFICATION: 94V-0


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn