Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZV5001RA4-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AZV5001RA4-7
Description  Low-Power Headset Detection IC in Miniaturized Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV5001RA4-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AZV5001RA4-7 Datasheet HTML 2Page - Diodes Incorporated AZV5001RA4-7 Datasheet HTML 3Page - Diodes Incorporated AZV5001RA4-7 Datasheet HTML 4Page - Diodes Incorporated AZV5001RA4-7 Datasheet HTML 5Page - Diodes Incorporated AZV5001RA4-7 Datasheet HTML 6Page - Diodes Incorporated AZV5001RA4-7 Datasheet HTML 7Page - Diodes Incorporated AZV5001RA4-7 Datasheet HTML 8Page - Diodes Incorporated AZV5001RA4-7 Datasheet HTML 9Page - Diodes Incorporated AZV5001RA4-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AZV5001
Document number: DS37993 Rev. 2 - 2
6 of 12
www.diodes.com
August 2015
© Diodes Incorporated
AZV5001
Electrical Characteristics (@TA=+25°C, VCC=1.8V, VCM=0.5VCC, unless otherwise specified.)
+25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC
Supply Current
VG_Detect =1.8V or 0V
-
7.5
12
µA
Input Characteristics of L_Detect
VIH
Input Logic High
VCC = 1.8V
1.5
-
-
V
VIL
Input Logic Low
VCC = 1.8V
-
-
1.33
V
tpLH, tpHL
Propagation Delay
Cout = 15pF, G_Detect = 0V,
L_Detect = 1.31~1.52V
-
480
-
ns
CIN
Input Capacitance
f = 1MHz
-
3
-
pF
IIH
Low Voltage Input Leakage
VL_Detect = 0V
-
1.8
-
µA
IIL
High Voltage Input Leakage
VL_Detect = 1.8V
-
0.5
-
nA
Input Characteristics of G_Detect
VIH
Input Logic High
VCC = 1.8V
1.17
-
-
V
VIL
Input Logic Low
VCC = 1.8V
-
-
0.63
V
tpLH, tpHL
Propagation Delay
Cout = 15pF, L_Detect = 0V,
G_Detect = 0~1.8V
-
10
-
ns
CIN
Input Capacitance
f = 1MHz
-
3
-
pF
IIH
Low Voltage Input Leakage
VL_Detect = 0V
-
1.8
-
µA
IIL
High Voltage Input Leakage
VL_Detect = 1.8V
-
0.5
-
nA
Output Characteristics of OUT
VOH
Output Logic High
VCC = 1.8V, IOH = -0.1mA
1.7
-
-
V
VOL
Output Logic Low
VCC = 1.8V, IOH = 0.1mA
-
-
0.1
V
Trise
Rise Time
COUT = 15pF, RL =1MΩ
-
7
-
ns
Tfall
Fall Time
COUT = 15pF, RL =1MΩ
-
4
-
ns
Characteristics of MIC Pin
RDS(on)
Drain-Source On Resistor of NMOS
VCC = 1.8V, IMIC = 1mA
-
0.9
1.4


Similar Part No. - AZV5001RA4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZV5002 DIODES-AZV5002 Datasheet
1Mb / 15P
   Low Power Audio Jack Detector
AZV5002DS-7 DIODES-AZV5002DS-7 Datasheet
1Mb / 15P
   Low Power Audio Jack Detector
More results

Similar Description - AZV5001RA4-7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2302 ONSEMI-NCS2302 Datasheet
81Kb / 8P
   Headset Detection Interface Interface
June, 2014 ??Rev. 3
NCS2300 ONSEMI-NCS2300 Datasheet
401Kb / 7P
   Headset Detection Interface Interface
June, 2014 ??Rev. 5
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
logo
SHENZHEN FUMAN ELECTRON...
FM5401 FUMAN-FM5401 Datasheet
731Kb / 11P
   Bluetooth Headset Mobile Power Management IC
logo
Maxim Integrated Produc...
MAX9880A MAXIM-MAX9880A_11 Datasheet
1Mb / 70P
   Low-Power, High-Performance Dual I2S Stereo Audio Codec Comprehensive Headset Detection
Rev 1; 3/11
logo
Marki Microwave
DPX-3 MARKIMICROWAVE-DPX-3 Datasheet
460Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-1 MARKIMICROWAVE-DPX-1 Datasheet
456Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-2 MARKIMICROWAVE-DPX-2 Datasheet
330Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-4 MARKIMICROWAVE-DPX-4 Datasheet
459Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-M50 MARKIMICROWAVE-DPX-M50 Datasheet
338Kb / 3P
   Low Profile Miniaturized, Reflow Solderable Package Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com