Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC850C Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BC850C
Description  NPN Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC850C Datasheet(HTML) 6 Page - Infineon Technologies AG

  BC850C Datasheet HTML 1Page - Infineon Technologies AG BC850C Datasheet HTML 2Page - Infineon Technologies AG BC850C Datasheet HTML 3Page - Infineon Technologies AG BC850C Datasheet HTML 4Page - Infineon Technologies AG BC850C Datasheet HTML 5Page - Infineon Technologies AG BC850C Datasheet HTML 6Page - Infineon Technologies AG BC850C Datasheet HTML 7Page - Infineon Technologies AG BC850C Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BC846...BC850
6
Nov-20-2002
Collector cutoff current ICBO = f (TA)
VCB = 30V
10
0
50
100
150
EHP00415
T
A
10
nA
10
Ι
CB0
10
10
4
3
2
1
0
max
typ
5
5
5
˚C
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 20
10
0
EHP00367
V
CEsat
10
mA
10
Ι
C
10
2
1
0
-1
5
5
V
0.3
0.5
100
25
-50
0.1
0.2
0.4
C
C
C
DC current gain hFE = f (IC)
VCE = 5V
10
10
10
10
EHP00365
h
mA
-2
-1
12
FE
3
10
102
0
10
5
5
101
0
10
5
555
100
25
-50
Ι
C
C
C
C
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 20
0
10
EHP00364
BEsat
V
0.6
V
1.2
-1
100
101
2
10
5
5
Ι
C
mA
0.2
0.4
0.8
C
25
C
100 C
-50 C


Similar Part No. - BC850C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC850C PHILIPS-BC850C Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 08
logo
Formosa MS
BC850C FORMOSA-BC850C Datasheet
121Kb / 9P
   SMD NPN Transistor
logo
Siemens Semiconductor G...
BC850C SIEMENS-BC850C Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Yea Shin Technology Co....
BC850C YEASHIN-BC850C Datasheet
857Kb / 5P
   General Purpose Transistors
logo
Diotec Semiconductor
BC850C DIOTEC-BC850C Datasheet
186Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC850C

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com