Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZV3001FZ4-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AZV3001FZ4-7
Description  Single/Dual Channel Low Voltage Push-Pull Output Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV3001FZ4-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AZV3001FZ4-7 Datasheet HTML 2Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 3Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 4Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 5Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 6Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 7Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 8Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 9Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AZV3001/3002
Document number: DS37616 Rev. 3 - 2
6 of 11
www.diodes.com
December 2015
© Diodes Incorporated
AZV3001, AZV3002
Application Information
Description
The AZV3001/2 are single and dual low-voltage, low-power comparators. These devices are designed for rail-to-rail input and output
applications. The AZV3001 device consumes only 6µA supply current while achieving a typical propagation delay 0.8µS under 20mV input
overdrive condition. These family comparators are guaranteed to operate at a low supply voltage range of 1.6V to 5.5V.
The AZV3001 /2 series has a typical internal hysteresis of 9.0mV. This allows for greater noise immunity and clean output switching.
The Output Stage
The AZV3001 and AZV3002 feature a push-pull output, which have a complementary P- and N-Channel output stage. When the output
switches, there is a direct patch between VCC and VEE, causing increased output sinking or sourcing current during the transition. Following
the transition, the output current decreases and supply current returns to 6µA, thus maintaining low power consumption.
Many comparators consume more current during switching than during steady-state operation. However, with this family of comparators, the
supply current change during an output transition is extremely small. The graph of Supply Current vs. Output Transition Frequency shows the
minimal supply current increase as the output switching frequency approaches 1KHz. In battery- powered applications, this characteristic
results in a substantial increase in battery life.
VCC
IN+
IN-
VEE
Output
Figure 13 AZV3001/2 Complementary Output Configuration
Internal Input Hysteresis Voltage (VHYST)
Many comparators oscillate in the linear region of operation because of noise or undesired parasitic feedback. This tends to occur when the
voltage on one input is equal to, or very close to the voltage on the other input. The AZV3001/2 have internal 9mV (Typ.) hysteresis to counter
parasitic effects and noise.
The hysteresis in a comparator creates two trip points: one for the rising input voltage (VHYST+) and one for the falling input voltage (VHYST-).
The difference between the trip points is the hysteresis (VHYST). When the comparator’s input voltages are equal, the hysteresis effectively
causes one comparator input to move quickly past the other, thus taking the input out of the region where oscillation occurs. Figure 1
illustrates the case in which VIN- has a fixed voltage applied, and VIN+ is varied. If the inputs were reversed, the figure would be the same,
except with an inverted output.
VIN-
VIN+
VHYST+
VHYST-
VOUT
VEE
VCC
VHYST
Rising
Falling
Figure 14 AZV3001 / 2 Internal Input Hysteresis Voltage


Similar Part No. - AZV3001FZ4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
AZV3001AFZ4-7 DIODES-AZV3001AFZ4-7 Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
More results

Similar Description - AZV3001FZ4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com