Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZV358 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AZV358
Description  DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV358 Datasheet(HTML) 3 Page - Diodes Incorporated

  AZV358 Datasheet HTML 1Page - Diodes Incorporated AZV358 Datasheet HTML 2Page - Diodes Incorporated AZV358 Datasheet HTML 3Page - Diodes Incorporated AZV358 Datasheet HTML 4Page - Diodes Incorporated AZV358 Datasheet HTML 5Page - Diodes Incorporated AZV358 Datasheet HTML 6Page - Diodes Incorporated AZV358 Datasheet HTML 7Page - Diodes Incorporated AZV358 Datasheet HTML 8Page - Diodes Incorporated AZV358 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AZV358
Document number: DS36536 Rev. 1 - 4
3 of 15
www.diodes.com
September 2013
© Diodes Incorporated
AZV358
A Product Line of
Diodes Incorporated
5V Electrical Characteristics (@TA=25°C, bold typeface applies over TA=-40oC to 85oC, VCC=5V, VEE=0V, VCM=2.0V,
VO=VCC/2 and RL>1MΩ, unless otherwise specified. Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIO
Input Offset Voltage
1.7
7
mV
9
IB
Input Bias Current
15
250
nA
500
IIO
Input Offset Current
5
50
nA
150
VCM
Input Common Mode Voltage
Range
for CMRR≥50dB
-0.1
4.2
V
ICC
Supply Current
VO=VCC/2, AVCL=1, No
load
210
440
μA
615
GV
Large Signal Voltage Gain
RL=2kΩ
84
100
dB
80
CMRR
Common Mode Rejection
Ratio
0≤VCM≤4V
50
63
dB
PSRR
Power Supply Rejection Ratio
2.7V≤VCC≤5V, VO=1V,
VCM=1V
50
60
dB
ISOURCE
Output Short Circuit Current
VO=0V
5
60
mA
ISINK
VO=5V
10
160
mA
VOH
Output Voltage Swing
RL=2kΩ to 2.5V
4.7
4.96
V
4.6
RL=10kΩ to 2.5V
4.9
4.99
4.8
VOL
RL=2kΩ to 2.5V
120
300
mV
400
RL=10kΩ to 2.5V
65
180
280
SR
Slew Rate
1
V/μs
GBWP
Gain Bandwidth Product
CL=200pF
1
MHz
ɸM
Phase Margin
60
deg
GM
Gain Margin
10
dB
Note 2: Limits over the full temperature are guaranteed by design, but not tested in production.


Similar Part No. - AZV358

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV358G-E1 BCDSEMI-AZV358G-E1 Datasheet
962Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
AZV358G-G1 BCDSEMI-AZV358G-G1 Datasheet
962Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
AZV358GTR-E1 BCDSEMI-AZV358GTR-E1 Datasheet
962Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
AZV358GTR-G1 BCDSEMI-AZV358GTR-G1 Datasheet
962Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
AZV358M-E1 BCDSEMI-AZV358M-E1 Datasheet
962Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - AZV358

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV358M-E1 BCDSEMI-AZV358M-E1 Datasheet
962Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com