Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847PN Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BC847PN
Description  NPN/PNP Silicon AF Transistor Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC847PN Datasheet(HTML) 1 Page - Infineon Technologies AG

  BC847PN Datasheet HTML 1Page - Infineon Technologies AG BC847PN Datasheet HTML 2Page - Infineon Technologies AG BC847PN Datasheet HTML 3Page - Infineon Technologies AG BC847PN Datasheet HTML 4Page - Infineon Technologies AG BC847PN Datasheet HTML 5Page - Infineon Technologies AG BC847PN Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BC847PN
Jul-02-2001
1
NPN/PNP Silicon AF Transistor Array
 For AF input stages and driver applications
 High current gain
 Low collector-emitter saturation voltage
 Two (galvanic) internal isolated NPN/PNP
Transistors in one package
Tape loading orientation
VPS05604
6
3
1
5
4
2
EHA07177
6
54
3
2
1
C1
B2
E2
C2
B1
E1
TR1
TR2
EHA07193
12 3
4
5
6
W1s
Direction of Unreeling
Top View
Marking on SOT-363 package
(for example W1s)
corresponds to pin 1 of device
Position in tape: pin 1
opposite of feed hole side
Type
Marking
Pin Configuration
Package
BC847PN
1Ps
1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SOT363
Maximum Ratings
Parameter
Value
Symbol
Unit
V
Collector-emitter voltage
VCEO
45
Collector-base voltage
50
VCBO
Collector-emitter voltage
VCES
V
50
VEBO
V
Emitter-base voltage
5
mA
DC collector current
IC
100
200
Peak collector current
ICM
Total power dissipation, TS = 115 °C
mW
Ptot
250
Tj
150
Junction temperature
°C
-65 ... 150
Storage temperature
Tstg
Thermal Resistance
Junction - soldering point1)
RthJS
140
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BC847PN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC847PN SIEMENS-BC847PN Datasheet
229Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diodes Incorporated
BC847PN DIODES-BC847PN Datasheet
458Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR
BC847PN DIODES-BC847PN Datasheet
46Kb / 3P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 2 - 2
logo
Diotec Semiconductor
BC847PN DIOTEC-BC847PN Datasheet
186Kb / 2P
   SMD General Purpose NPN/PNP Transistors
logo
Diodes Incorporated
BC847PN DIODES-BC847PN Datasheet
221Kb / 4P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 8 - 2
More results

Similar Description - BC847PN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC846PN INFINEON-BC846PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
2007-04-20
logo
Chenmko Enterprise Co. ...
CH817UPNPT CHENMKO-CH817UPNPT Datasheet
95Kb / 4P
   NPN/PNP Silicon AF Transistor Array
logo
Infineon Technologies A...
BC846UPN INFINEON-BC846UPN Datasheet
151Kb / 6P
   NPN/PNP Silicon AF Transistor Array
Aug-21-2002
SMBTA06UPN INFINEON-SMBTA06UPN Datasheet
142Kb / 5P
   NPN/PNP Silicon AF Transistor Array
Aug-21-2002
logo
Chenmko Enterprise Co. ...
CHT06UPNPT CHENMKO-CHT06UPNPT Datasheet
98Kb / 5P
   NPN/PNP Silicon AF Transistor Array
logo
Infineon Technologies A...
SMBTA06UPN INFINEON-SMBTA06UPN_11 Datasheet
533Kb / 7P
   NPN / PNP Silicon AF Transistor Array
2011-10-05
BCM856S INFINEON-BCM856S Datasheet
191Kb / 8P
   PNP Silicon AF Transistor Array
Aug-30-2002
BC856U INFINEON-BC856U Datasheet
58Kb / 6P
   PNP Silicon AF Transistor Array
Nov-29-2001
BC857S INFINEON-BC857S Datasheet
57Kb / 6P
   PNP Silicon AF Transistor Array
Nov-29-2001
BCM856S INFINEON-BCM856S_07 Datasheet
92Kb / 9P
   PNP Silicon AF Transistor Array
2007-04-27
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com