Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54ACT283 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. 54ACT283
Description  4-Bit Binary Full Adder with Fast Carry
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT283 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54ACT283 Datasheet HTML 1Page - National Semiconductor (TI) 54ACT283 Datasheet HTML 2Page - National Semiconductor (TI) 54ACT283 Datasheet HTML 3Page - National Semiconductor (TI) 54ACT283 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT283 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT283 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT283 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT283 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Functional Description (Continued)
Note that as long as A
2 and B2 are the same, whether HIGH
or LOW, they do not influence S
2. Similarly, when A2 and B2
are the same the carry into the third stage does not influence
the carry out of the third stage.
Figure 4 shows a method of
implementing a 5-input encoder, where the inputs are
equally weighted. The outputs S
0,S1 and S2 present a bi-
nary number equal to the number of inputs I
1–I5 that are
true.
Figure 5 shows one method of implementing a 5-input
majority gate. When three or more of the inputs I
1–I5 are
true, the output M
5 is true.
C
0
A
0
A
1
A
2
A
3
B
0
B
1
B
2
B
3
S
0
S
1
S
2
S
3
C
4
Logic Levels
L
L
H
L
H
H
L
L
H
H
H
L
L
H
Active HIGH
00101100111001
Active LOW
11010011000110
Active HIGH:0+10+9 = 3 + 16
Active LOW:1+5+6 = 12+0
FIGURE 1. Active HIGH versus Active LOW Interpretation
DS100977-5
FIGURE 2. 3-Bit Adder
DS100977-6
FIGURE 3. 2-Bit and 1-Bit Adders
DS100977-7
FIGURE 4. 5-Input Encoder
DS100977-8
FIGURE 5. 5-Input Majority Gate
www.national.com
2


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54LS83A 4-BIT BINARY FULL ADDER WITH FAST CARRY 1  2  3  Motorola, Inc
CD54AC283 4-Bit Binary Full Adder with Fast Carry 1  Intersil Corporation
HD74AC283 4-bit Binary Full Adder with Fast Carry 1  2  3  4  5  More Hitachi Semiconductor
HD74HC83 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More Hitachi Semiconductor
54283 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More National Semiconductor (TI)
74HC283N 4-bit binary full adder with fast carry 1  2  3  4  5  More NXP Semiconductors
SN54LS283 4-BIT BINARY FULL ADDER WITH FAST CARRY 1  2  3  4  Motorola, Inc
54F283DM 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More National Semiconductor (TI)
74HC283 4-bit binary full adder with fast carry 1  2  3  4  5  More NXP Semiconductors
74F283 4-bit binary full adder with fast carry 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn