Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54ACT283 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. 54ACT283
Description  4-Bit Binary Full Adder with Fast Carry
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT283 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54ACT283 Datasheet HTML 1Page - National Semiconductor (TI) 54ACT283 Datasheet HTML 2Page - National Semiconductor (TI) 54ACT283 Datasheet HTML 3Page - National Semiconductor (TI) 54ACT283 Datasheet HTML 4Page - National Semiconductor (TI) 54ACT283 Datasheet HTML 5Page - National Semiconductor (TI) 54ACT283 Datasheet HTML 6Page - National Semiconductor (TI) 54ACT283 Datasheet HTML 7Page - National Semiconductor (TI) 54ACT283 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature
−65˚C to +150˚C
Ambient Temperature under Bias
−55˚C to +125˚C
Junction Temperature under Bias
−55˚C to +175˚C
V
CC Pin Potential to
Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with V
CC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated I
OL (mA)
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
−55˚C to +125˚C
Supply Voltage
Military
+4.5V to +5.5V
Note 1: Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired. Functional operation under these
conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics for ’ACT Family Devices
Symbol
Parameter
V
CC
T
A = −55˚C to +125˚C
Units
Conditions
(V)
Guaranteed Limits
V
IH
Minimum High Level
4.5
2.0
V
V
OUT = 0.1V
Input Voltage
5.5
2.0
or V
CC − 0.1V
V
IL
Maximum Low Level
4.5
0.8
V
V
OUT = 0.1V
Input Voltage
5.5
0.8
or V
CC − 0.1V
V
OH
Minimum High Level
4.5
4.4
V
I
OUT = −50 µA
Output Voltage
5.5
5.4
V
IN = V IL or VIH
4.5
3.7
V
I
OH = −24 mA
5.5
4.7
I
OH = −24 mA
(Note 3)
V
OL
Maximum Low Level
4.5
0.1
V
I
OUT = 50 µA
Output Voltage
5.5
0.1
V
IN = V IL or VIH
4.5
0.5
V
I
OL =24mA
5.5
0.5
I
OL = 24 mA (Note 3)
I
IN
Maximum Input
5.5
±1.0
µA
V
I = V CC, GND
Leakage Current
I
CCT
Maximum
5.5
1.6
mA
V
I = V CC − 2.1V
I
CC/Input
I
OLD
Minimum Dynamic
Output Current
(Note 4)
5.5
50
mA
V
OLD = 1.65V Max
I
OHD
5.5
−50
mA
V
OHD = 3.85V Min
I
CC
Maximum Quiescent
5.5
160.0
µA
V
IN = V CC
Supply Current
or GND
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
www.national.com
4


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54LS83A 4-BIT BINARY FULL ADDER WITH FAST CARRY 1  2  3  Motorola, Inc
CD54AC283 4-Bit Binary Full Adder with Fast Carry 1  Intersil Corporation
HD74AC283 4-bit Binary Full Adder with Fast Carry 1  2  3  4  5  More Hitachi Semiconductor
HD74HC83 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More Hitachi Semiconductor
54283 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More National Semiconductor (TI)
74HC283N 4-bit binary full adder with fast carry 1  2  3  4  5  More NXP Semiconductors
SN54LS283 4-BIT BINARY FULL ADDER WITH FAST CARRY 1  2  3  4  Motorola, Inc
54F283DM 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More National Semiconductor (TI)
74HC283 4-bit binary full adder with fast carry 1  2  3  4  5  More NXP Semiconductors
74F283 4-bit binary full adder with fast carry 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn