Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC817U Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BC817U
Description  NPN Silicon Transistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC817U Datasheet(HTML) 2 Page - Infineon Technologies AG

  BC817U Datasheet HTML 1Page - Infineon Technologies AG BC817U Datasheet HTML 2Page - Infineon Technologies AG BC817U Datasheet HTML 3Page - Infineon Technologies AG BC817U Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC817U
Nov-29-2001
2
Electrical Characteristics at TA=25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
V(BR)CEO
45
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
V(BR)CBO
50
-
-
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
5
-
-
Collector cutoff current
VCB = 25 V, IE = 0
ICBO
-
-
100
nA
Collector cutoff current
VCB = 25 V, IE = 0 , TA = 150 °C
ICBO
-
-
50
µA
Emitter cutoff current
VEB = 4 V, IC = 0
IEBO
-
-
100
nA
DC current gain 1)
IC = 100 mA, VCE = 1 V
IC = 300 mA, VCE = 1 V
hFE
160
100
250
-
400
-
-
Collector-emitter saturation voltage1)
IC = 500 mA, IB = 50 mA
VCEsat
-
-
0.7
V
Base-emitter saturation voltage 1)
IC = 500 mA, IB = 50 mA
VBEsat
-
-
1.2
AC Characteristics
Transition frequency
IC = 50 mA, VCE = 5 V, f = 100 MHz
fT
-
170
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
6
-
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
60
-
1) Pulse test: t < 300
s; D < 2%


Similar Part No. - BC817U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC817U INFINEON-BC817U Datasheet
76Kb / 7P
   NPN Silicon AF Transistor Array
2007-04-20
logo
First Silicon Co., Ltd
BC817U FS-BC817U Datasheet
280Kb / 3P
   General Purpose Transistors
BC817U-A FS-BC817U-A Datasheet
280Kb / 3P
   General Purpose Transistors
BC817U-B FS-BC817U-B Datasheet
280Kb / 3P
   General Purpose Transistors
BC817U-C FS-BC817U-C Datasheet
280Kb / 3P
   General Purpose Transistors
More results

Similar Description - BC817U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR119S INFINEON-BCR119S Datasheet
43Kb / 4P
   NPN Silicon Digital Transistor Array
Nov-29-2001
BCM846S INFINEON-BCM846S_07 Datasheet
91Kb / 9P
   NPN Silicon AF Transistor Array
2007-04-26
BC817UPN INFINEON-BC817UPN_11 Datasheet
530Kb / 7P
   NPN Silicon AF Transistor Array
2011-09-15
logo
Siemens Semiconductor G...
SMBT3904S SIEMENS-SMBT3904S Datasheet
79Kb / 8P
   NPN Silicon Switching Transistor Array
logo
Infineon Technologies A...
BCM846SH6327 INFINEON-BCM846SH6327 Datasheet
546Kb / 9P
   NPN Silicon AF Transistor Array
2011-10-05
BC817UPN INFINEON-BC817UPN_07 Datasheet
77Kb / 7P
   NPN Silicon AF Transistor Array
2007-04-20
BC847S INFINEON-BC847S Datasheet
57Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
SMBT3904S INFINEON-SMBT3904S Datasheet
76Kb / 8P
   NPN Silicon Switching Transistor Array
Nov-30-2001
BC817UPN INFINEON-BC817UPN Datasheet
137Kb / 4P
   NPN/PNP Silicon Transistor Array
Aug-21-2002
BC846S INFINEON-BC846S Datasheet
58Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com