Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZHBL5006P2T5G Datasheet(PDF) 3 Page - ON Semiconductor

Part # SZHBL5006P2T5G
Description  LED Shunt HBL5006 Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZHBL5006P2T5G Datasheet(HTML) 3 Page - ON Semiconductor

  SZHBL5006P2T5G Datasheet HTML 1Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 2Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 3Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 4Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 5Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 6Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HBL5006 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Unless otherwise noted: TA = 25°C)
Symbol
Characteristics
Package
Min
Typ
Max
Unit
VBR
Breakdown Voltage: The minimum voltage across the device in or
at the breakdown region. Measured at IBR = 1 mA.
SOD−323
6.2
7.0
V
SOD−523
6.2
7.0
SOD−923
6.2
7.0
IH
Holding Current: The minimum current required to maintain the
device in the on-state.
SOD−323
25
40
mA
SOD−523
25
40
SOD−923
25
40
IL
Latching Current: The minimum current required to turn from the
off-state to the on-state.
SOD−323
9.0
mA
SOD−523
9.0
SOD−923
9.0
VBO
Breakover Voltage: The voltage across the device in the breakover
region.
SOD−323
6.5
7.2
8.0
V
SOD−523
6.5
7.2
8.0
SOD−923
6.5
7.2
8.0
IR
Off−State Current: The dc value of current that results from the
application of the off-state voltage. Measured at 3.3 V.
SOD−323
1.0
mA
SOD−523
1.0
SOD−923
1.0
VT
On−State Voltage. Measured at 100 mA.
SOD−323
0.9
1.1
1.3
V
SOD−523
0.9
1.1
1.3
SOD−923
0.9
1.1
1.3
VC
Clamping Voltage
TLP (Note 4)
IEC 6100−4−2 Level 2 equivalent
(
±4 kV Contact, ±4 kV Air)
IEC 6100−4−2 Level 4 equivalent
(
±8 kV Contact, ±15 kV Air)
}
}
IPP = 8 A
IPP = 16 A
SOD−323
6.5
11.2
V
SOD−523
6.5
11.2
SOD−923
6.5
11.2
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. ANSI/ESD STM5.5.1 − Electrostatic Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model TLP conditions: Z0 = 50 W,
tp = 100 ns, tr = 4 ns, averaging window; t1 = 30 ns to t2 = 60 ns.
Figure 1. I−V Characteristics
Breakover
Voltage
Voltage
Current
On−state
Current
Holding Current
Latching Current
Off−state
Current
Breakdown
Voltage


Similar Part No. - SZHBL5006P2T5G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZH-002 ETC-SZH-002 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
SZH-002T-P0.5 ETC2-SZH-002T-P0.5 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
SZH-002T-P0.5 ETC2-SZH-002T-P0.5 Datasheet
112Kb / 3P
   1.5mm pitch/Disconnectable Crimp style connectors
SZH-002T-P0.5 ETC2-SZH-002T-P0.5 Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SZH-002T-P0.5 ETC2-SZH-002T-P0.5 Datasheet
224Kb / 8P
   APPLICATION TOOLING
More results

Similar Description - SZHBL5006P2T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD4700 ONSEMI-NUD4700_17 Datasheet
112Kb / 6P
   LED Shunt
January, 2017 ??Rev. 11
HBL1015 ONSEMI-HBL1015 Datasheet
68Kb / 5P
   LED Shunt
June, 2015 ??Rev. 4
NUD4700 ONSEMI-NUD4700 Datasheet
146Kb / 6P
   LED Shunt
March, 2010 ??Rev. 8
logo
Bourns Electronic Solut...
LSP0600AJR-S BOURNS-LSP0600AJR-S Datasheet
281Kb / 3P
   LSPxxxxAJR Series LED Shunt Protector
LSP0600AJR-S BOURNS-LSP0600AJR-S Datasheet
281Kb / 3P
   LED Shunt Protector
logo
Shanghai Leiditech Elec...
PLED36CA LEIDITECH-PLED36CA Datasheet
570Kb / 3P
   LED Shunt Protection
logo
Bourns Electronic Solut...
LSP0600BJR-S BOURNS-LSP0600BJR-S Datasheet
293Kb / 6P
   LED Shunt Protector
LSP0600 BOURNS-LSP0600 Datasheet
281Kb / 3P
   LED Shunt Protector
logo
Shanghai Leiditech Elec...
PLED09CB LEIDITECH-PLED09CB Datasheet
604Kb / 3P
   LED Shunt Protection
PLED06CA LEIDITECH-PLED06CA Datasheet
568Kb / 3P
   LED Shunt Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com