Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZHBL5006XV2T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # SZHBL5006XV2T1G
Description  LED Shunt HBL5006 Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZHBL5006XV2T1G Datasheet(HTML) 6 Page - ON Semiconductor

  SZHBL5006XV2T1G Datasheet HTML 1Page - ON Semiconductor SZHBL5006XV2T1G Datasheet HTML 2Page - ON Semiconductor SZHBL5006XV2T1G Datasheet HTML 3Page - ON Semiconductor SZHBL5006XV2T1G Datasheet HTML 4Page - ON Semiconductor SZHBL5006XV2T1G Datasheet HTML 5Page - ON Semiconductor SZHBL5006XV2T1G Datasheet HTML 6Page - ON Semiconductor SZHBL5006XV2T1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HBL5006 Series
http://onsemi.com
6
PACKAGE DIMENSIONS
SOD−523
CASE 502
ISSUE E
NOTES:
6. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
7. CONTROLLING DIMENSION: MILLIMETERS.
8. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH.
MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF
BASE MATERIAL.
9. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH, PRO-
TRUSIONS, OR GATE BURRS.
E
D
−X−
−Y−
b
2X
M
0.08
X
Y
A
H
c
DIM
MIN
NOM
MAX
MILLIMETERS
D
1.10
1.20
1.30
E
0.70
0.80
0.90
A
0.50
0.60
0.70
b
0.25
0.30
0.35
c
0.07
0.14
0.20
L
0.30 REF
H
1.50
1.60
1.70
12
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
E
E
RECOMMENDED
TOP VIEW
SIDE VIEW
2X
BOTTOM VIEW
L2
L
2X
2X
0.48
0.40
2X
1.80
DIMENSION: MILLIMETERS
PACKAGE
OUTLINE
L2
0.15
0.20
0.25


Similar Part No. - SZHBL5006XV2T1G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZH-002 ETC-SZH-002 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
SZH-002T-P0.5 ETC2-SZH-002T-P0.5 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
SZH-002T-P0.5 ETC2-SZH-002T-P0.5 Datasheet
112Kb / 3P
   1.5mm pitch/Disconnectable Crimp style connectors
SZH-002T-P0.5 ETC2-SZH-002T-P0.5 Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SZH-002T-P0.5 ETC2-SZH-002T-P0.5 Datasheet
224Kb / 8P
   APPLICATION TOOLING
More results

Similar Description - SZHBL5006XV2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD4700 ONSEMI-NUD4700_17 Datasheet
112Kb / 6P
   LED Shunt
January, 2017 ??Rev. 11
HBL1015 ONSEMI-HBL1015 Datasheet
68Kb / 5P
   LED Shunt
June, 2015 ??Rev. 4
NUD4700 ONSEMI-NUD4700 Datasheet
146Kb / 6P
   LED Shunt
March, 2010 ??Rev. 8
logo
Bourns Electronic Solut...
LSP0600AJR-S BOURNS-LSP0600AJR-S Datasheet
281Kb / 3P
   LSPxxxxAJR Series LED Shunt Protector
LSP0600AJR-S BOURNS-LSP0600AJR-S Datasheet
281Kb / 3P
   LED Shunt Protector
logo
Shanghai Leiditech Elec...
PLED36CA LEIDITECH-PLED36CA Datasheet
570Kb / 3P
   LED Shunt Protection
logo
Bourns Electronic Solut...
LSP0600BJR-S BOURNS-LSP0600BJR-S Datasheet
293Kb / 6P
   LED Shunt Protector
LSP0600 BOURNS-LSP0600 Datasheet
281Kb / 3P
   LED Shunt Protector
logo
Shanghai Leiditech Elec...
PLED09CB LEIDITECH-PLED09CB Datasheet
604Kb / 3P
   LED Shunt Protection
PLED06CA LEIDITECH-PLED06CA Datasheet
568Kb / 3P
   LED Shunt Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com