Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC807W Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BC807W
Description  PNP Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC807W Datasheet(HTML) 1 Page - Infineon Technologies AG

  BC807W Datasheet HTML 1Page - Infineon Technologies AG BC807W Datasheet HTML 2Page - Infineon Technologies AG BC807W Datasheet HTML 3Page - Infineon Technologies AG BC807W Datasheet HTML 4Page - Infineon Technologies AG BC807W Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BC807W, BC808W
Nov-29-2001
1
PNP Silicon AF Transistors
 For general AF applications
 High collector current
 High current gain
 Low collector-emitter saturation voltage
 Complementary types: BC817W, BC818W (NPN)
1
3
VSO05561
2
Type
Marking
Pin Configuration
Package
BC807-16W
BC807-25W
BC807-40W
BC808-16W
BC808-25W
BC808-40W
5As
5Bs
5Cs
5Es
5Fs
5Gs
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
SOT323
SOT323
SOT323
SOT323
SOT323
SOT323
Maximum Ratings
Parameter
Symbol
Unit
BC 808W
BC 807W
45
Collector-emitter voltage
25
VCEO
V
Collector-base voltage
VCBO
50
30
Emitter-base voltage
VEBO
5
5
DC collector current
IC
500
mA
Peak collector current
ICM
A
1
Base current
mA
100
IB
200
IBM
Peak base current
Total power dissipation, TS = 130 °C
mW
250
Ptot
150
Tj
Junction temperature
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
80
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BC807W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
logo
Galaxy Semi-Conductor H...
BC807W BILIN-BC807W Datasheet
228Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
logo
Diotec Semiconductor
BC807W DIOTEC-BC807W Datasheet
174Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Foshan Blue Rocket Elec...
BC807W FOSHAN-BC807W Datasheet
842Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
logo
Galaxy Semi-Conductor H...
BC807W BILIN-BC807W Datasheet
155Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - BC807W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com