Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP22966 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP22966
Description  5V DUAL CHANNEL PROGRAMMABLE LOAD SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22966 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP22966 Datasheet HTML 5Page - Diodes Incorporated AP22966 Datasheet HTML 6Page - Diodes Incorporated AP22966 Datasheet HTML 7Page - Diodes Incorporated AP22966 Datasheet HTML 8Page - Diodes Incorporated AP22966 Datasheet HTML 9Page - Diodes Incorporated AP22966 Datasheet HTML 10Page - Diodes Incorporated AP22966 Datasheet HTML 11Page - Diodes Incorporated AP22966 Datasheet HTML 12Page - Diodes Incorporated AP22966 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AP22966
Document number: DS36217 Rev. 2 - 2
9 of 14
www.diodes.com
November 2014
© Diodes Incorporated
AP22966
010
Performance Characteristics (cont.) (@TA = +25°C, VBIAS = 5V, unless otherwise specified.)
Turn ON Response Time
Turn ON Response Time
VIN=0.8V, VBIAS=2.5V, CIN=1μF, CL=0.1μF, Css=1nF, RL=10Ω
VIN=0.8V, VBIAS=5V, CIN=1μF, CL=0.1μF, Css=1nF, RL=10Ω
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
V
IN (V)
t
ON vs VIN, VBIAS=5.5V
(C
IN=1µF, CSS=1nF, RL=10Ω, CL=0.1μF)
-40
25
70
85
T
A (°C)
0
500
1000
1500
2000
2500
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
V
IN (V)
t
R vs VIN, VBIAS=2.5V
(C
IN=1µF, CSS=1nF, RL=10Ω, CL=0.1μF)
-40
25
70
85
T
A(°C)
0
500
1000
1500
2000
2500
3000
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
V
IN (V)
t
R vs VIN, VBIAS=5.5V
(C
IN=1µF, CSS=1nF, RL=10Ω, CL=0.1μF)
-40
25
70
85
T
A (°C)
0
500
1000
1500
2000
2500
2.5
3
3.5
4
4.5
5
5.5
V
BIAS (V)
t
R vs VBIAS, VIN=2.5V
(C
IN=1µF, CSS=1nF, RL=10Ω, CL=0.1μF)
-40
25
70
85
T
A (°C)


Similar Part No. - AP22966

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22908 DIODES-AP22908 Datasheet
1Mb / 19P
   1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22908CN4-7 DIODES-AP22908CN4-7 Datasheet
1Mb / 19P
   1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22908CNA4-7 DIODES-AP22908CNA4-7 Datasheet
1Mb / 19P
   1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22908W6-7 DIODES-AP22908W6-7 Datasheet
1Mb / 19P
   1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
AP22913 DIODES-AP22913 Datasheet
901Kb / 17P
   SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
More results

Similar Description - AP22966

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22800 DIODES-AP22800 Datasheet
1Mb / 14P
   5V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
AP22850 DIODES-AP22850 Datasheet
1Mb / 14P
   10V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
logo
MagnaChip Semiconductor...
MSI2206 MGCHIP-MSI2206 Datasheet
1Mb / 12P
   Dual Channel 6A Load Switch
logo
Alpha & Omega Semicondu...
AOZ1331DI AOSMD-AOZ1331DI Datasheet
1Mb / 14P
   Dual Channel Smart Load Switch
AOZ1331ADI AOSMD-AOZ1331ADI Datasheet
854Kb / 14P
   Dual Channel Smart Load Switch
Rev. 1.3 July 2018
logo
Richtek Technology Corp...
RT9736A RICHTEK-RT9736A Datasheet
248Kb / 16P
   Dual Channel, Low Resistance Load Switch
logo
Texas Instruments
TPS22966-Q1 TI1-TPS22966-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Channel, Ultralow Resistance Load Switch
logo
Shenzhen Huazhimei Semi...
HM9713 HMSEMI-HM9713 Datasheet
615Kb / 4P
   5V, 3.5A Low Side Load Switch
logo
Texas Instruments
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
logo
Richtek Technology Corp...
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
   Dual Channel, Ultra-Low Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com