Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BBY55 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. BBY55
Description  Silicon Tuning Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BBY55 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BBY55 Datasheet HTML 1Page - Infineon Technologies AG BBY55 Datasheet HTML 2Page - Infineon Technologies AG BBY55 Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Nov-14-2002
3
BBY55...
Diode capacitance CT = (VR)
f
= 1MHz
0
2
4
6
8
10
V
14
VR
0
2
4
6
8
10
12
14
16
18
20
22
24
pF
30
Capacitance change
C = (TA)
f
= 1 MHz
-50
-30
-10
10
30
50
70
°C
110
TA
-4
-3
-2
-1
0
1
2
%
4
1V
C=(C(TA)-C(25°C))/C(25°C)
2V
6V
10V
Series resistance rS= (VR)
f
= 470 MHz
0
2
4
6
8
10
V
14
VR
0
0.1
0.2
0.3
Ohm
0.5
Reverse current IR = (VR)
TA = Parameter
0
2
4
6
8
10
12
14
V
18
VR
-12
10
-11
10
-10
10
-9
10
A
25°C
60°C
80°C


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KSV1401 SILICON HYPERABRUPT TUNING DIODES 1  Knox Semiconductor, Inc
BB833 Silicon Tuning Diodes 1  2  3  Infineon Technologies AG
BBY52 Silicon Tuning Diodes 1  2  3  Infineon Technologies AG
BBY58 Silicon Tuning Diodes 1  2  3  Infineon Technologies AG
BBY66 Silicon Tuning Diodes 1  2  3  Infineon Technologies AG
SMV1401 SILICON HYPERABRUPT TUNING DIODES 1  Knox Semiconductor, Inc
BB731 Silicon epitaxial planar capacitance diodes with very wide effective capacitance variation for tuning the VHF range 41 ... 170 MHz in hyperband televi 1  2  3  Vishay Siliconix
MMSZ5221B SURFACE MOUNT SILICON ZENER DIODES 1  2  3  4  5  Pan Jit International Inc.
BA7792 Silicon PIN Diodes 1  2  3  Vishay Siliconix
BAV300 Silicon Epitaxial Planar Diodes 1  2  3  4  5  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn