Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BBY55 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. BBY55
Description  Silicon Tuning Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BBY55 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BBY55 Datasheet HTML 1Page - Infineon Technologies AG BBY55 Datasheet HTML 2Page - Infineon Technologies AG BBY55 Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nov-14-2002
2
BBY55...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 15 V
VR = 15 V, TA = 85 °C
IR
-
-
-
-
3
100
nA
AC Characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 2 V, f = 1 MHz
VR = 3 V, f = 1 MHz
VR = 4 V, f = 1 MHz
VR = 10 V, f = 1 MHz
CT
17.5
14
11.6
10
5.5
18.6
15
12.6
11
6
19.6
16
13.6
12
6.5
pF
Capacitance ratio
VR = 2 V, VR = 10 V, f = 1 MHz
CT2/CT10
2
2.5
3
Series resistance
VR = 5 V, f = 470 MHz
rS
-
0.15
0.4



Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KSV1401 SILICON HYPERABRUPT TUNING DIODES 1  Knox Semiconductor, Inc
BB833 Silicon Tuning Diodes 1  2  3  Infineon Technologies AG
BBY52 Silicon Tuning Diodes 1  2  3  Infineon Technologies AG
BBY58 Silicon Tuning Diodes 1  2  3  Infineon Technologies AG
BBY66 Silicon Tuning Diodes 1  2  3  Infineon Technologies AG
SMV1401 SILICON HYPERABRUPT TUNING DIODES 1  Knox Semiconductor, Inc
BB731 Silicon epitaxial planar capacitance diodes with very wide effective capacitance variation for tuning the VHF range 41 ... 170 MHz in hyperband televi 1  2  3  Vishay Siliconix
MMSZ5221B SURFACE MOUNT SILICON ZENER DIODES 1  2  3  4  5  Pan Jit International Inc.
BA7792 Silicon PIN Diodes 1  2  3  Vishay Siliconix
BAV300 Silicon Epitaxial Planar Diodes 1  2  3  4  5  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn