Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP22802AW5-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP22802AW5-7
Description  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22802AW5-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP22802AW5-7 Datasheet HTML 1Page - Diodes Incorporated AP22802AW5-7 Datasheet HTML 2Page - Diodes Incorporated AP22802AW5-7 Datasheet HTML 3Page - Diodes Incorporated AP22802AW5-7 Datasheet HTML 4Page - Diodes Incorporated AP22802AW5-7 Datasheet HTML 5Page - Diodes Incorporated AP22802AW5-7 Datasheet HTML 6Page - Diodes Incorporated AP22802AW5-7 Datasheet HTML 7Page - Diodes Incorporated AP22802AW5-7 Datasheet HTML 8Page - Diodes Incorporated AP22802AW5-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP22802
Document number: DS36218 Rev. 3 - 2
1 of 14
www.diodes.com
August 2015
© Diodes Incorporated
AP22802
965010
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
Description
The AP22802 is a single channel current-limited integrated high-side
power switch optimized for Universal Serial Bus (USB) and other
hot-swap
applications.
The
family
of
devices
complies
with
USB standards and is available with both polarities of Enable input.
The device has fast short-circuit response time for improved overall
system robustness, and has an integrated output discharge function
to ensure completely controlled discharging of the output voltage
capacitor. They provide a complete protection solution for applications
subject to heavy capacitive loads and the prospect of short circuit,
and offer reverse current blocking, over-current, over-temperature
and short-circuit protection, as well as controlled rise time and
under-voltage lockout functionality. A 6ms deglitch capability on the
open-drain Flag output prevents false over-current reporting and does
not require any external components.
The AP22802 is available in a standard Green SOT25 and RoHS
compliant.
Features
Integrated Single Channel Load Switch
Protection
Over Current with Auto Recovery
Short Circuit with Auto Recovery
Over Temperature with Auto Recovery
Small Form Factor Packages
SOT25
– Footprint of just 9mm
2
Thermally Efficient Low Profile Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
UL Recognized, File Number E322375
IEC60950-1 CB Scheme Certified
Pin Assignments
SOT25
Top View
5
3
2
1
4
EN
IN
OUT
GND
FLG
Applications
Integrated Load Switches in
Ultrabook PC’s
Power Up/Down Sequencing in Ultrabook
PC’s
Notebook
Netbook
Set-Top Boxes
SSD (Solid State Drives)
Consumer Electronics
Tablet PC
Telecom Systems
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
1
μF
IN
GND
EN
OUT
ON
120
μF
Power Supply
2.7V to 5.5V
0.1
μF
OFF
FLG
Load
10k
Enable Active High


Similar Part No. - AP22802AW5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2280 DIODES-AP2280 Datasheet
286Kb / 9P
   SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280 DIODES-AP2280 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1FMG-7 DIODES-AP2280-1FMG-7 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1W DIODES-AP2280-1W Datasheet
286Kb / 9P
   SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280-1WG-7 DIODES-AP2280-1WG-7 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
More results

Similar Description - AP22802AW5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22811 DIODES-AP22811 Datasheet
503Kb / 17P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
DS39135 Rev. 4 - 2
AP22804 DIODES-AP22804 Datasheet
932Kb / 19P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
July 2017
AP22816 DIODES-AP22816 Datasheet
1Mb / 17P
   1.0A/1.5A/2.0A SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
April 2022 Rev. 3 - 2
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
   Single-Channel Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
   Single-Channel Power Distribution Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Micrel Semiconductor
MIC2025 MICREL-MIC2025_10 Datasheet
1,011Kb / 14P
   Single-Channel Power Distribution Switch MM8짰
logo
Advanced Monolithic Sys...
AMS2027 ADMOS-AMS2027 Datasheet
46Kb / 5P
   SINGLE POWER DISTRIBUTION SWITCH
AMS2027 ADMOS-AMS2027_05 Datasheet
50Kb / 5P
   SINGLE POWER DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2040 MICREL-MIC2040 Datasheet
640Kb / 15P
   Single Channel Low Voltage Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com