Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP22802 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP22802
Description  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22802 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP22802 Datasheet HTML 6Page - Diodes Incorporated AP22802 Datasheet HTML 7Page - Diodes Incorporated AP22802 Datasheet HTML 8Page - Diodes Incorporated AP22802 Datasheet HTML 9Page - Diodes Incorporated AP22802 Datasheet HTML 10Page - Diodes Incorporated AP22802 Datasheet HTML 11Page - Diodes Incorporated AP22802 Datasheet HTML 12Page - Diodes Incorporated AP22802 Datasheet HTML 13Page - Diodes Incorporated AP22802 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AP22802
Document number: DS36218 Rev. 3 - 2
10 of 14
www.diodes.com
August 2015
© Diodes Incorporated
AP22802
965010
Performance Characteristics (Cont.) (TA = +25°C, VIN = 5V, CIN = 1μF, CL = 0.1μF, unless otherwise specified.)
Under Voltage Lockout vs. Temperature
Over Load Current Limit vs. Input Voltage
1.6
1.7
1.8
1.9
2.0
2.1
2.2
-50
-25
0
25
50
75
100
125
Temperature (
℃)
2.2
2.4
2.6
2.8
3.0
3.2
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
UVLO Rising
UVLO Falling
UVLO Rising


Similar Part No. - AP22802

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2280 DIODES-AP2280 Datasheet
286Kb / 9P
   SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280 DIODES-AP2280 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1FMG-7 DIODES-AP2280-1FMG-7 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1W DIODES-AP2280-1W Datasheet
286Kb / 9P
   SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280-1WG-7 DIODES-AP2280-1WG-7 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
More results

Similar Description - AP22802

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22811 DIODES-AP22811 Datasheet
503Kb / 17P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
DS39135 Rev. 4 - 2
AP22804 DIODES-AP22804 Datasheet
932Kb / 19P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
July 2017
AP22816 DIODES-AP22816 Datasheet
1Mb / 17P
   1.0A/1.5A/2.0A SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
April 2022 Rev. 3 - 2
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
   Single-Channel Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
   Single-Channel Power Distribution Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Micrel Semiconductor
MIC2025 MICREL-MIC2025_10 Datasheet
1,011Kb / 14P
   Single-Channel Power Distribution Switch MM8짰
logo
Advanced Monolithic Sys...
AMS2027 ADMOS-AMS2027 Datasheet
46Kb / 5P
   SINGLE POWER DISTRIBUTION SWITCH
AMS2027 ADMOS-AMS2027_05 Datasheet
50Kb / 5P
   SINGLE POWER DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2040 MICREL-MIC2040 Datasheet
640Kb / 15P
   Single Channel Low Voltage Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com