Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP22800HB-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP22800HB-7
Description  5V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22800HB-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP22800HB-7 Datasheet HTML 1Page - Diodes Incorporated AP22800HB-7 Datasheet HTML 2Page - Diodes Incorporated AP22800HB-7 Datasheet HTML 3Page - Diodes Incorporated AP22800HB-7 Datasheet HTML 4Page - Diodes Incorporated AP22800HB-7 Datasheet HTML 5Page - Diodes Incorporated AP22800HB-7 Datasheet HTML 6Page - Diodes Incorporated AP22800HB-7 Datasheet HTML 7Page - Diodes Incorporated AP22800HB-7 Datasheet HTML 8Page - Diodes Incorporated AP22800HB-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP22800
Document number: DS36046 Rev. 3 - 2
4 of 14
www.diodes.com
January 2015
© Diodes Incorporated
AP22800
Electrical Characteristics (@TA = +25°C, CIN = 1µF, CL = 100nF, unless otherwise specified.)
VIN = 5.0V
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
IIN_Q
Input Quiescent Current
VEN = VIN, IOUT = 0A
21
35
µA
IIN_SD
Input Shutdown Current
VEN = 0V, IOUT = 0A, RDIS = 240Ω
0.05
0.5
µA
RDS(ON)
Load Switch On-Resistance
VEN = VIN, IOUT = −1A
16
21
VIH_EN
EN Input Logic High Voltage
1.0
V
VIL_EN
EN Input Logic Low Voltage
0.5
V
ILEAK_EN
EN Input Leakage
VEN = VIN
0.1
µA
RDS_DIS
Discharge FET On-Resistance
VEN = 0V, IDIS = 10mA
4
6
Ω
VOL_PG
Power Good Output Low Level
IOL_PG = 100µA, VEN = 0V
0.2
V
IOZ_PG
Power Good High-Impedance Current
VPG = VIN, VEN = VIN
0.05
µA
tRISE
Output Rise Time
RL = 10, CSS = 10nF
130
µs
tON
Output Turn-ON Delay Time
RL = 10, CSS = 10nF
90
µs
tFALL
Output Fall Time
RL = Open, RDIS = 240Ω, CSS = 10nF
55
µs
tOFF
Output Turn-OFF Delay Time
RL = Open, RDIS = 240Ω, CSS = 10nF
21
µs
tD
Output Start Delay Time
RL = 10, CSS = 10nF (Note 7)
20
µs
tPG
Power Good Delay Time
RL = 10, CSS = 10nF
410
µs
VIN = 3.3V
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
IIN_Q
Input Quiescent Current
VEN = VIN, IOUT = 0A
13
23
µA
IIN_SD
Input Shutdown Current
VEN = 0V, IOUT = 0A, RDIS = 240Ω
0.04
0.2
µA
RDS(ON)
Load Switch On-Resistance
VEN = VIN, IOUT = −1A
17
22
VIH_EN
EN Input Logic High Voltage
1.0
V
VIL_EN
EN Input Logic Low Voltage
0.5
V
ILEAK_EN
EN Input Leakage
VEN = VIN
0.1
µA
RDS_DIS
Discharge FET On-Resistance
VEN = 0V, IDIS = 10mA
5
8
Ω
VOL_PG
Power Good Output Low Level
IOL_PG = 100µA, VEN = 0V
0.2
V
IOZ_PG
Power Good High-Impedance Current
VPG = VIN, VEN = VIN
0.05
µA
tRISE
Output Rise Time
RL = 10, CSS = 10nF
130
µs
tON
Output Turn-ON Delay Time
RL = 10, CSS = 10nF
90
µs
tFALL
Output Fall Time
RL = Open, RDIS = 240Ω, CSS = 10nF
55
µs
tOFF
Output Turn-OFF Delay Time
RL = Open, RDIS = 240Ω, CSS = 10nF
21
µs
tD
Output Start Delay Time
RL = 10, CSS = 10nF (Note 7)
25
µs
tPG
Power Good Delay Time
RL = 10, CSS = 10nF
340
µs


Similar Part No. - AP22800HB-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2280 DIODES-AP2280 Datasheet
286Kb / 9P
   SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280 DIODES-AP2280 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1FMG-7 DIODES-AP2280-1FMG-7 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
AP2280-1W DIODES-AP2280-1W Datasheet
286Kb / 9P
   SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2280-1WG-7 DIODES-AP2280-1WG-7 Datasheet
304Kb / 12P
   Single Channel Slew Rate Controlled Load Switch
AP2280 Rev. 6
More results

Similar Description - AP22800HB-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22966 DIODES-AP22966 Datasheet
1Mb / 14P
   5V DUAL CHANNEL PROGRAMMABLE LOAD SWITCH
AP22850 DIODES-AP22850 Datasheet
1Mb / 14P
   10V SINGLE CHANNEL PROGRAMMABLE LOAD SWITCH
logo
Alpha & Omega Semicondu...
AOZ1336DI AOSMD-AOZ1336DI Datasheet
1Mb / 14P
   Single Channel Smart Load Switch
Rev. 1.0 January 2014
logo
Diodes Incorporated
DML1006LDS DIODES-DML1006LDS_17 Datasheet
669Kb / 11P
   SINGLE CHANNEL SMART LOAD SWITCH
DML3006LFDS DIODES-DML3006LFDS Datasheet
1Mb / 9P
   SINGLE CHANNEL SMART LOAD SWITCH
DML3009LDC DIODES-DML3009LDC Datasheet
1Mb / 9P
   SINGLE CHANNEL SMART LOAD SWITCH
DML1005LDS DIODES-DML1005LDS Datasheet
1Mb / 10P
   SINGLE CHANNEL SMART LOAD SWITCH
DML1010FDK DIODES-DML1010FDK Datasheet
1Mb / 11P
   SINGLE CHANNEL SMART LOAD SWITCH
June 2022 Rev. 3 - 2
DML1012LDS DIODES-DML1012LDS Datasheet
1Mb / 12P
   SINGLE CHANNEL SMART LOAD SWITCH
March 2022 Rev. 6 - 2
DML3008LFDS DIODES-DML3008LFDS Datasheet
1Mb / 12P
   SINGLE CHANNEL SMART LOAD SWITCH
December 2021 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com