Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN442 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # AN442
Description  DESIGNERS GUIDE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN442 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button AN442 Datasheet HTML 9Page - Silicon Laboratories AN442 Datasheet HTML 10Page - Silicon Laboratories AN442 Datasheet HTML 11Page - Silicon Laboratories AN442 Datasheet HTML 12Page - Silicon Laboratories AN442 Datasheet HTML 13Page - Silicon Laboratories AN442 Datasheet HTML 14Page - Silicon Laboratories AN442 Datasheet HTML 15Page - Silicon Laboratories AN442 Datasheet HTML 16Page - Silicon Laboratories AN442 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AN442
Rev. 0.1
13
3.6. LED Parameters and Multiple LED Operation
Best performance is generally achieved with the highest output efficiency 850 nm LEDs. However, 940 nm LEDs
can also work. Red LEDs have reduced range but may be suitable in applications where it is desireable to have a
visible proximity indicator. White LEDs, which convert blue to white, are not recommended because of the long rise
and decay time constant of the phosphors used to broaden or whiten the wavelength.
The Si1120 can be used to drive multiple LEDs in conjunction with microcontroller GPIO pins to control multiplexing
switches to steer the TXO driver to multiple LEDs. With multiple LEDs, a wide variety of enhanced applications
become possible.
For example the proximity sensor may be placed on the front of a motorized toy with an LED on each side to allow
the toy to sense whether an obstacle is to its left or right and steer away from it or, conversely, to allow a robot doll
head to track an object within proximity range by turning its head to keep both reflections at equal amplitude.
For human interfaces, multiple appropriately located and lensed LEDs can be used to determine hand gestures
laterally, vertically, inward, and outward by measuring reflectance and applying suitable algorithms. Simple
examples include using hand motion to control the dimming on-off function of a light switch, control picture viewing
in an electronic picture frame, or page through documents on e-readers. The proximity sensor can also turn on the
picture frame when a viewer's motion is detected nearby and turn it off to save power after the viewer leaves.
3.7. Motion Detection
When used with a microcontroller, the Si1120 can be used to implement a simple motion detection system. The
simplest motion detection system requires only a single LED. However, if it is desired to cover a larger area, it may
be necessary to have multiple LEDs, each targeting a different direction. The number of LEDs used in such a
motion detection system is dependent on the angle coverage. For example, it will take approximately four to five
20° half-angle LEDs to cover 180°.
For motion systems, motion sensitivity is a function of the time between samples. Rapid sampling rates will have
less difference between adjacent samples. Typically, for human motion detection, sample periods can be anywhere
from 10 ms to 1 second between samples. If higher sampling rates are used to integrate to improve signal-to-
noise, moving averages delayed by at least 1 s are usually required. Of course, motion systems can indicate
motion towards or away from, which is sometimes useful.
When using motion detection algorithms that detect a very small percentage change in reflection, it is important
that the LED driver not saturate but stay in constant current mode in order to minimize the effects of power supply
fluctuations on LED TX current, which may cause spurious motion detection. A few percent variation in LED
current from pulse to pulse is not critical. These fluctuations can occur if the LED driver is saturated due to a high
LED drop or a series current-limiting resistor and the power supply voltage is changing due to other loads or even
the LED driver. The 400 mA LED driver is designed to be connected to an independent voltage supply up to 7 V in
order to prevent overloading of the regulated Vdd supply. Often, the LED anode supply may have a significant
voltage ripple because it is an unregulated battery or input supply with significant wire drop load ripple, etc.
Imagine that we have a simple LED circuit with only a resistor and an LED with a 3 V supply. In this case, there is
nominally a 2 V constant voltage drop across the LED with only a 1 V drop across the resistor. When there is a
100 mV change on the 3 V supply, this 100 mV change appears primarily across the resistor because the 2 V drop
across the resistor is generally constant, due to the nature of diodes. A 100 mV drop, given an initial resistor
voltage of 1 V, translates directly to a 10% drop in current. A 10% drop in current implies a 10% change in total
reflectance, and this can easily be 10 times more than the motion change threshold.
In order to prevent LED supply modulation, the Si1120 LED TXO driver has been designed to have very high
constant current impedance. The 400 mA (or 50 mA) internal current limit has less than a 1% per volt change in
current.
Consequently, a 100 mV change in LED anode supply will cause less than a 0.1% change in LED
intensity, which is much more desirable for sensitive motion detection algorithms.
Another source of spurious motion detection can arise from dc ambient modulation of the receive gain. On the
Si1120, the photodiode and analog front end may have a 1% change in gain over the extremes or dc ambient. This
might happen if, in direct sunlight, a shadow falls across the IC receiver. Obviously, if the reflectance is already very
high, a 1% change may be more than the motion detection threshold. Again, this is a reason to minimize stray
optical coupling for motion detection to keep the ambient gain modulation below the minimum detection threshold.


Similar Part No. - AN442

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN442 STMICROELECTRONICS-AN442 Datasheet
63Kb / 5P
   The aim of this note is to show how to connect
AN4421 STMICROELECTRONICS-AN4421 Datasheet
173Kb / 11P
   Migrating from M24LR to M24SR series
AN4426 STMICROELECTRONICS-AN4426 Datasheet
1,015Kb / 18P
   Tutorial for MEMS microphones
AN4427 STMICROELECTRONICS-AN4427 Datasheet
1Mb / 19P
   Gasket design for optimal acoustic performance
AN4428 STMICROELECTRONICS-AN4428 Datasheet
1Mb / 18P
   Best practices in the manufacturing process
More results

Similar Description - AN442

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN607 SILABS-AN607 Datasheet
1Mb / 41P
   HUMIDITY AND TEMPERATURE SENSOR DESIGNERS GUIDE
logo
Coilcraft lnc.
C349 COILCRAFT-C349 Datasheet
237Kb / 4P
   Designers Kits
C422 COILCRAFT-C422 Datasheet
237Kb / 4P
   Designers Kits
XFL2005-151MEB COILCRAFT-XFL2005-151MEB Datasheet
204Kb / 1P
   Designers kit
logo
New Jersey Semi-Conduct...
MDA970A1 NJSEMI-MDA970A1 Datasheet
70Kb / 1P
   Designers Data, Sheet
logo
M/A-COM Technology Solu...
DS-MABA-000001-75KIT1_V2 MA-COM-DS-MABA-000001-75KIT1_V2 Datasheet
541Kb / 1P
   75 廓 CATV Transformer Designers??Kit
logo
Nel Frequency Controls,...
HS-820 NEL-HS-820_10 Datasheet
61Kb / 2P
   Systems designers may now specify space-saving
HS-2800 NEL-HS-2800_10 Datasheet
62Kb / 2P
   Systems designers may now specify space-saving
HS-800 NEL-HS-800_10 Datasheet
61Kb / 2P
   Systems designers may now specify space-saving
logo
STMicroelectronics
AN2871 STMICROELECTRONICS-AN2871 Datasheet
330Kb / 25P
   This application note is intended for hardware designers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com