Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB833 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. BB833
Description  Silicon Tuning Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BB833 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BB833 Datasheet HTML 1Page - Infineon Technologies AG BB833 Datasheet HTML 2Page - Infineon Technologies AG BB833 Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Nov-07-2002
1
BB833...
Silicon Tuning Diodes
 Extended frequency range up to 2.5 GHz;
spezial design for use in TV-sat indoor units
 High capacitance ratio
BB833
1
2
Type
Package
Configuration
LS (nH) Marking
BB833
SOD323
single
1.8
white X
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
30
V
Peak reverse voltage-
R
 5k
VRM
35
Forward current
IF
20
mA
Operating temperature range
Top
-55 ... 150
°C
Storage temperature
Tstg
-55 ... 150


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KSV1401 SILICON HYPERABRUPT TUNING DIODES 1  Knox Semiconductor, Inc
BBY52 Silicon Tuning Diodes 1  2  3  Infineon Technologies AG
BBY55 Silicon Tuning Diodes 1  2  3  Infineon Technologies AG
BBY58 Silicon Tuning Diodes 1  2  3  Infineon Technologies AG
BBY66 Silicon Tuning Diodes 1  2  3  Infineon Technologies AG
SMV1401 SILICON HYPERABRUPT TUNING DIODES 1  Knox Semiconductor, Inc
BB731 Silicon epitaxial planar capacitance diodes with very wide effective capacitance variation for tuning the VHF range 41 ... 170 MHz in hyperband televi 1  2  3  Vishay Siliconix
MMSZ5221B SURFACE MOUNT SILICON ZENER DIODES 1  2  3  4  5  Pan Jit International Inc.
BA7792 Silicon PIN Diodes 1  2  3  Vishay Siliconix
BAV300 Silicon Epitaxial Planar Diodes 1  2  3  4  5  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn