Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH8503-FDC-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH8503-FDC-7
Description  HIGH ACCURACY MICROPOWER LINEAR HALL EFFECT SENSOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH8503-FDC-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH8503-FDC-7 Datasheet HTML 1Page - Diodes Incorporated AH8503-FDC-7 Datasheet HTML 2Page - Diodes Incorporated AH8503-FDC-7 Datasheet HTML 3Page - Diodes Incorporated AH8503-FDC-7 Datasheet HTML 4Page - Diodes Incorporated AH8503-FDC-7 Datasheet HTML 5Page - Diodes Incorporated AH8503-FDC-7 Datasheet HTML 6Page - Diodes Incorporated AH8503-FDC-7 Datasheet HTML 7Page - Diodes Incorporated AH8503-FDC-7 Datasheet HTML 8Page - Diodes Incorporated AH8503-FDC-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AH8503
Document number: DS37684 Rev. 1 - 2
4 of 19
www.diodes.com
February 2015
© Diodes Incorporated
AH8503
Electrical Characteristics (Notes 8 & 9) (@TA = +25°C, VDD = 1.8V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply Current
IDD_uP_MODE
Average Supply Current in
Micropower Mode with Continuous
Sampling Rate of 24Hz
(CNTRL = GND Continuously)
VOUTPUT = VDD/2, CNTRL = GND, VDD = 1.8V
(Note 10)
-
13
20
µA
VOUTPUT = VDD/2, CNTRL = GND, VDD = 3.0V
(Note 10)
-
17
25
µA
IDD_TURBO_MODE
Average Supply Current in Turbo
Mode with Continuous Sampling Rate
of 6.25Hz
(CNTRL = VDD Continuously)
VOUTPUT = VDD/2, CNTRL = VDD, VDD = 1.8V
(Note 10)
-
1.01
1.3
mA
VOUTPUT = VDD/2, CNTRL = GND, VDD = 3.0V
(Note 10)
-
1.44
1.8
mA
IDD_7kHz_EXTDRV
Average Supply Current at 7.14kHz
Sampling Rate When CNTRL is
Externally Driven
VOUTPUT = VDD/2, CNTRL clocking at 7.14kHz
VDD = 1.8V
(Note 10)
-
1.16
1.5
mA
VOUTPUT = VDD/2, CNTRL clocking at 7.14kHz
VDD = 3V
(Note 10)
-
1.65
2.1
mA
Notes:
8.
When power is initially turned on, the operating VDD (1.6V to 3.6V) must be applied to guaranteed the output sampling.
After the supply voltage reaches minimum operating voltage, the output state is valid after after tON_INITIAL.
9.
Typical data is at TA = +25°C, VDD = 1.8V unless otherwise stated.
10. The parameters are not tested in production, they are guaranteed by design, characterization and process control.


Similar Part No. - AH8503-FDC-7

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
AH850 FARADAY-AH850 Datasheet
92Kb / 2P
   FULLY BUFFERED HYBRID OVERSAMPLED LUMINANCE FILTER
logo
Diodes Incorporated
AH8500 DIODES-AH8500 Datasheet
856Kb / 19P
   LOW POWER/MICROPOWER LINEAR HALL EFFECT SENSOR
AH8501 DIODES-AH8501 Datasheet
858Kb / 19P
   HIGH ACCURACY LOW POWER / MICROPOWER LINEAR HALL EFFECT SENSOR
AH8501-FDC-7 DIODES-AH8501-FDC-7 Datasheet
858Kb / 19P
   HIGH ACCURACY LOW POWER / MICROPOWER LINEAR HALL EFFECT SENSOR
AH8502 DIODES-AH8502 Datasheet
648Kb / 19P
   MICROPOWER LINEAR HALL EFFECT SENSOR
More results

Similar Description - AH8503-FDC-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH8501 DIODES-AH8501 Datasheet
858Kb / 19P
   HIGH ACCURACY LOW POWER / MICROPOWER LINEAR HALL EFFECT SENSOR
AH8502 DIODES-AH8502 Datasheet
648Kb / 19P
   MICROPOWER LINEAR HALL EFFECT SENSOR
AH8500 DIODES-AH8500 Datasheet
856Kb / 19P
   LOW POWER/MICROPOWER LINEAR HALL EFFECT SENSOR
logo
Allegro MicroSystems
ACS723KMA ALLEGRO-ACS723KMA Datasheet
786Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor
ACS724LMC ALLEGRO-ACS724LMC Datasheet
1Mb / 17P
   High Accuracy Hall-Effect-Based Current Sensor
3 September 25, 2020
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
   Linear Hall Effect Sensor
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
   Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
   LINEAR HALL EFFECT SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com