Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH8503-FDC-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH8503-FDC-7
Description  HIGH ACCURACY MICROPOWER LINEAR HALL EFFECT SENSOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH8503-FDC-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH8503-FDC-7 Datasheet HTML 1Page - Diodes Incorporated AH8503-FDC-7 Datasheet HTML 2Page - Diodes Incorporated AH8503-FDC-7 Datasheet HTML 3Page - Diodes Incorporated AH8503-FDC-7 Datasheet HTML 4Page - Diodes Incorporated AH8503-FDC-7 Datasheet HTML 5Page - Diodes Incorporated AH8503-FDC-7 Datasheet HTML 6Page - Diodes Incorporated AH8503-FDC-7 Datasheet HTML 7Page - Diodes Incorporated AH8503-FDC-7 Datasheet HTML 8Page - Diodes Incorporated AH8503-FDC-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
AH8503
Document number: DS37684 Rev. 1 - 2
3 of 19
www.diodes.com
February 2015
© Diodes Incorporated
AH8503
Functional Block Diagram
Absolute Maximum Ratings (Note 6) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VDD and VOUT
Supply Voltage and Output Voltage (Note 7)
4
V
VDD_REV and
VOUT_REV
Reverse Supply and Output Voltage
-0.3
V
IOUT
Output Current (limited by 10kOhms output resistor)
VDD/10
mA
B
Magnetic Flux Density Withstand
Unlimited
PD
Package Power Dissipation
U-DFN2020-6
230
mW
Ts
Storage Temperature Range
-65 to +150
°C
TJ
Maximum Junction Temperature
150
°C
ESD HBM
Human Body Model (HMB) ESD Capability
6
kV
Notes:
6. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
7. The absolute maximum VDD of 4V is a transient stress rating and is not meant as a functional operating condition. It is not recommended to
operate the device at the absolute maximum rated conditions for any period of time.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Rating
Unit
VDD
Supply Voltage
Operating
1.6V to 3.6V
V
TA
Operating Temperature Range
Operating
-40 to +85
°C


Similar Part No. - AH8503-FDC-7

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
AH850 FARADAY-AH850 Datasheet
92Kb / 2P
   FULLY BUFFERED HYBRID OVERSAMPLED LUMINANCE FILTER
logo
Diodes Incorporated
AH8500 DIODES-AH8500 Datasheet
856Kb / 19P
   LOW POWER/MICROPOWER LINEAR HALL EFFECT SENSOR
AH8501 DIODES-AH8501 Datasheet
858Kb / 19P
   HIGH ACCURACY LOW POWER / MICROPOWER LINEAR HALL EFFECT SENSOR
AH8501-FDC-7 DIODES-AH8501-FDC-7 Datasheet
858Kb / 19P
   HIGH ACCURACY LOW POWER / MICROPOWER LINEAR HALL EFFECT SENSOR
AH8502 DIODES-AH8502 Datasheet
648Kb / 19P
   MICROPOWER LINEAR HALL EFFECT SENSOR
More results

Similar Description - AH8503-FDC-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH8501 DIODES-AH8501 Datasheet
858Kb / 19P
   HIGH ACCURACY LOW POWER / MICROPOWER LINEAR HALL EFFECT SENSOR
AH8502 DIODES-AH8502 Datasheet
648Kb / 19P
   MICROPOWER LINEAR HALL EFFECT SENSOR
AH8500 DIODES-AH8500 Datasheet
856Kb / 19P
   LOW POWER/MICROPOWER LINEAR HALL EFFECT SENSOR
logo
Allegro MicroSystems
ACS723KMA ALLEGRO-ACS723KMA Datasheet
786Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor
ACS724LMC ALLEGRO-ACS724LMC Datasheet
1Mb / 17P
   High Accuracy Hall-Effect-Based Current Sensor
3 September 25, 2020
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
   Linear Hall Effect Sensor
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
   Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
   LINEAR HALL EFFECT SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com